Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4951B Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 19Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 20Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 21Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 22Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 23Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 24Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 25Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 26Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 256 page
background image
Handling Precautions
11
3.
General Safety Precautions and Usage Considerations
This section provides information that will help you gain a better understanding of semiconductor devices so as
to ensure device safety, quality and reliability.
3.1
From Incoming to Shipping
3.1.1
Electrostatic Discharge (ESD)
When handling individual devices, be sure that the environment is protected
against static electricity. Operators should wear anti-static clothing. In addition,
containers and other objects that come in direct contact with devices should be
made of materials that do not produce static electricity that would cause damage.
Please follow the precautions below. This is particularly important for those
devices marked “Be careful of static.”
3.1.1.1
Work Environment Control
(1) When humidity decreases, static electricity readily occurs due to friction. Taking into consideration the fact
that moisture-proof-packed products absorb moisture after unpacking, the recommended humidity is 40 to
60%.
(2) Be sure that all equipment such as jigs and tools installed in the work area are grounded.
(3) Place a conductive mat over the floor of the work area or take other measure to ensure that the floor is
protected against static electricity and is grounded to the earth. (Resistance between surface and ground: 1 x
10
9
Ω or less)
(4) Place a conductive mat over the surface of worktables to ensure that the tables are grounded. (Resistance
between surface and ground: 7.5 x 10
5 to 1 x 109
Ω) Do not construct worktable surfaces of metallic
materials. Metallic materials are low in resistance, allowing rapid discharge when a charged device comes
in contact with them directly.
(5) Observe the following when using automated equipment:
(a)
When picking up a device with a vacuum, use conductive rubber in sections which come into contact
with the device surface to protect against electrostatic charge.
(b) Avoid friction on the device surface to the extent possible. If rubbing is unavoidable due to the
device’s mechanical structure, minimize the friction plane or use material with a small friction
coefficient and low electrical resistance. Also, prevent electrostatic charge by using an ionizer.
(c)
Use a material which dissipates static electricity in sections which come in contact with device leads
or terminals.
(d) Ensure that no statically charged bodies (such as work clothes or the human body) come in contact
with the devices.
(e)
Use a tape carrier that employs a low-resistance material on sections that come in contact with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com