Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4951B Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 93Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 94Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 95Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 96Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 97Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 98Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 99Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 100Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 256 page
background image
Chapter 4 Memory Management System
4-15
64-bit Kernel Mode, Physical Spaces (xkphys)
In Kernel mode, when KX = 1 in the Status register and bits 63-62 of the 64-bit virtual address
are 102, one of the two unmapped xkphys address spaces are selected, either cached or uncached.
Accesses with address bits 58-36 not equal to 0 cause an address error.
References to this space are not mapped; the physical address selected is taken from bits 35-0 of
the virtual address.
Bits 61-59 of the virtual address specify the cacheability and coherency
attributes, as shown in Table 4.2.5.
Table 4.2.5 Cacheability and Coherency Attributes
Value(61-59)
Cacheability and Coherency Attributes
Starting Address
0
Cacheable, non-coherent, write-through, no write
allocate
0x8000 0000 0000 0000
1
Cacheable, non-coherent, write-through, no write
allocate
0x8800 0000 0000 0000
2
Uncached
0x9000 0000 0000 0000
3
Cacheable, non-coherent
0x9800 0000 0000 0000
4-7
Reserved
0xA000 0000 0000 0000
64-bit Kernel Mode, Kernel Space (xkseg)
In Kernel mode, when KX
= 1 in the Status register and bits 63-62 of the 64-bit virtual address
are 112, the address space selected is one of the following:
•
kernel virtual space, xkseg, the current kernel virtual space; the virtual address is extended
with the contents of the 8-bit ASID field to form a unique virtual address
•
one of the four 32-bit kernel compatibility spaces, as described in the next section.
64-bit Kernel Mode, Compatibility Spaces (ckseg1~0, cksseg, ckseg3)
In Kernel mode, when KX = 1 in the Status register, bits 63-62 of the 64-bit virtual address are
112, and bits 61-31 of the virtual address equal-1, the lower two bytes of address, as shown in
Figure 4.2.3, select one of the following 512 Mbytes compatibility spaces.
•
ckseg0.
This 64-bit virtual address space is an unmapped region, compatible with the 32-bit
address model kseg0. The K0 field of the Config register, described in this chapter,
controls cacheability and coherency.
•
ckseg1.
This 64-bit virtual address space is an unmapped and uncached region, compatible
with the 32-bit address model kseg1.
•
cksseg.
This 64-bit virtual address space is the current supervisor virtual space, compatible
with the 32-bit address model ksseg.
•
ckseg3.
This 64-bit virtual address space is kernel virtual space, compatible with the 32-bit
address model kseg3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com