Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4951B Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 28Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 29Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 30Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 31Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 32Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 33Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 34Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 35Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 256 page
background image
Handling Precautions
20
3.3.12
Electromagnetic Interference
Radio and TV reception problems have increased in recent years as a result of increased electromagnetic
interference radiated from electrical and electronic equipment. To use radio waves effectively and to maintain
the quality of radio communications, each country has defined limitations for the amount of electromagnetic
interference which can be generated by designated devices.
The types of electromagnetic interference include noise propagated through power supply and telephone lines,
and noise from direct electromagnetic waves radiated from equipment. Different measurement methods and
corrective actions are used for each type.
Difficulties in countering electromagnetic interference derive from the fact that there is no means for calculating
at the design stage the strength of the electromagnetic waves produced from each component in a piece of
equipment. As a result, it is after the prototype equipment has been completed that measurements are taken using
dedicated instruments to determine for the first time the strength of the electromagnetic interference. Yet it is
possible during system design to incorporate measures for the prevention of electromagnetic interference which
can facilitate corrective action after design completion. One effective method, for example, is to design the
product with several shielding options, and then select the optimum shielding method based on the results of the
measurements subsequently taken.
3.3.13
Peripheral Circuits
In many cases semiconductor devices are used with peripheral circuits and components. The input and output
signal voltages and currents in these circuits must be designed to match the specifications of the device, taking
into consideration the factors below.
(1) Input voltages and currents that are not appropriate with respect to the input pins may cause malfunction.
Some devices contain pull-up or pull-down resistors, depending on specifications. Design your system
taking into account the required voltage and current.
(2) The output pins on a device have a predetermined external circuit drive capability. If a drive capability
exceeding this value is required, either insert a compensating circuit or take that fact into account when
selecting components for use in external circuits
3.3.14
Safety Standards
Each country and region has established safety standards which must be observed. These safety standards
sometimes include requirements for quality certification systems and insulation design standards. The safety
standards of the respective countries and regions must be taken fully into account to ensure compliant device
selection and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com