Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4951B Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 81Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 82Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 83Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 84Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 85Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 86Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 87Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 88Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 256 page
background image
Chapter 4 Memory Management System
4-3
4.1.4
32-bit Mode Address Translation
Figure 4.1.2 shows the virtual-to-physical-address translation of a 32-bit mode address. This figure
illustrates two of the possible page sizes: a 4-Kbyte page (12 bits) and a 16-Mbyte page (24 bits).
•
The top portion of Figure 4.1.2 shows a virtual address with a 12-bit, or 4-Kbyte, page size,
labeled Offset. The remaining 20 bits of the address represent the VPN, and Index the 1M-
entry page table.
•
The bottom portion of Figure 4.1.2 shows a virtual address with a 24-bit, or 16-Mbyte, page
size, labeled Offset. The remaining 8 bits of the address represent the VPN, and index the
256-entry page table.
Offset passed
unchanged to
physical
memory
Offset passed
unchanged to
physical
memory
Virtual-to-physical
translation in TLB
Bits 31, 30 and 29 of the virtual
address select user, supervisor,
or kernel address spaces.
Virtual-to-physical
translation in TLB
Virtual Address with 256 (2
8) 16-Mbyte pages
Virtual Address with 1M (2
20) 4-Kbyte pages
TLB
20 bits
= 1 M pages
VPN
ASID
12
20
8
0
11
12
28
29
39
32 31
Offset
32-bit Physical Address
0
31
PFN
Offset
8 bits
= 256 pages
VPN
ASID
24
8
8
0
23
24
28
29
39
32 31
Offset
TLB
Figure 4.1.2 32-bit Mode Virtual Address Translation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com