Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 154 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 150Page - STMicroelectronics UPSD3422 Datasheet HTML 151Page - STMicroelectronics UPSD3422 Datasheet HTML 152Page - STMicroelectronics UPSD3422 Datasheet HTML 153Page - STMicroelectronics UPSD3422 Datasheet HTML 154Page - STMicroelectronics UPSD3422 Datasheet HTML 155Page - STMicroelectronics UPSD3422 Datasheet HTML 156Page - STMicroelectronics UPSD3422 Datasheet HTML 157Page - STMicroelectronics UPSD3422 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 293 page
background image
USB interface
uPSD34xx
154/293
Note:
Bits marked with a “–“ are Reserved.
25.4.1
USB device address register
Initially when a device is connected to the USB, it responds to the host on address 0. Using
the Set_Address request, the host assigns a unique address to the device. The firmware
writes this address to the USB Device Address register (see Table 70), and subsequently
the SIE only responds to transactions on that assigned address. This assigned address is in
effect until the device or an upstream hub is disconnected from the USB, the host issues a
USB Reset, or the host shuts down. The address register is cleared with a Hardware
RESET. When a USB RESET is detected, the address register should be cleared.
25.4.2
Endpoint FIFO pairing
Endpoint FIFOs can be paired for double buffering to provide an efficient method for bulk
data transfers. With double buffering enabled, the MCU can operate on one data packet
while another is being transferred over USB.
When two FIFOs are paired, the active FIFO is automatically toggled by the update of
USIZE. The MCU must only use the odd numbered endpoint FIFO when paired in order to
access the active FIFO. For example, if endpoints 3 and 4 OUT FIFOs are paired, the active
FIFO is accessed via endpoint 3’s OUT FIFO (see Table 71).
EB
UIF3
–
–
–
NAK4F
NAK3F
NAK2F
NAK1F
NAK0F
00
USB IN FIFO
NAK Int. Flag
EC
UCTL
–
–
–
–
–
USBEN
VISIBLE
WAKEUP
00
USB Control
ED
USTA
–
–
–
–
RCVT
SETUP
IN
OUT
00
USB Status
EE
RESERVED
EF
USEL
DIR
–
–
–
–
EP[2:0]
00
USB Endpoint
Select
F1
UCON
–
–
–
–
ENABLE
STALL
TOGGL
E
BSY
08
USB Endpoint
Control
F2
USIZE
–
SIZE[6:0]
00
USB FIFO
Valid Size
F3
UBASEH
BASEADDR[15:8]
00
USB Base
Address High
F4
UBASEL
BASEADDR
[7:6]
0
0
000
0
00
USB Base
Address Low
F5
USCI
–
–
–
–
–
USCI[2:0]
00
USB Setup
Command
Index
F6
USCV
USCV[7:0]
00
USB Setup
Command
Value
SFR
Addr
(hex)
SFR
Name
Bit Name and <Bit Address>
Reset
Value
(hex)
Comment
7
6
5
4
321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com