Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 157 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 153Page - STMicroelectronics UPSD3422 Datasheet HTML 154Page - STMicroelectronics UPSD3422 Datasheet HTML 155Page - STMicroelectronics UPSD3422 Datasheet HTML 156Page - STMicroelectronics UPSD3422 Datasheet HTML 157Page - STMicroelectronics UPSD3422 Datasheet HTML 158Page - STMicroelectronics UPSD3422 Datasheet HTML 159Page - STMicroelectronics UPSD3422 Datasheet HTML 160Page - STMicroelectronics UPSD3422 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 293 page
background image
uPSD34xx
USB interface
157/293
●
USB IN FIFO Interrupt Enable Register (UIE1)
When an endpoint’s IN FIFO has been successfully sent to the host with an IN
transaction, the FIFO becomes empty. The UIE1 register is used to enable each
endpoint’s IN FIFO interrupt (Table 73).
●
USB OUT FIFO Interrupt Enable Register (UIE1)
When an endpoint’s OUT FIFO has been filled by an OUT transaction from the host,
the FIFO becomes full. The UIE2 register is used to enable each endpoint’s OUT FIFO
interrupt (Table 74).
Table 73.
USB IN FIFO interrupt enable register (UIE1 0E5h, reset value 00h)
Table 74.
USB OUT FIFO interrupt enable register (UIE2 0E6h, Reset Value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
IN4IE
IN3IE
IN2IE
IN1IE
IN0IE
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
IN4IE
R/W
Enable Endpoint 4 IN FIFO interrupt
3
IN3IE
R/W
Enable Endpoint 3 IN FIFO interrupt
2
IN2IE
R/W
Enable Endpoint 2 IN FIFO interrupt
1
IN1IE
R/W
Enable Endpoint 1 IN FIFO interrupt
0
IN0IE
R/W
Enable Endpoint 0 IN FIFO interrupt
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
OUT4IE
OUT3IE
OUT2IE
OUT1IE
OUT0IE
Bit
Symbol
R/W
Definition
7–
–
Reserved
6–
–
Reserved
5–
–
Reserved
4
OUT4IE
R/W
Enable Endpoint 4 OUT FIFO interrupt
3
OUT3IE
R/W
Enable Endpoint 3 OUT FIFO interrupt
2
OUT2IE
R/W
Enable Endpoint 2 OUT FIFO interrupt
1
OUT1IE
R/W
Enable Endpoint 1 OUT FIFO interrupt
0
OUT0IE
R/W
Enable Endpoint 0 OUT FIFO interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com