Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 158 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 154Page - STMicroelectronics UPSD3422 Datasheet HTML 155Page - STMicroelectronics UPSD3422 Datasheet HTML 156Page - STMicroelectronics UPSD3422 Datasheet HTML 157Page - STMicroelectronics UPSD3422 Datasheet HTML 158Page - STMicroelectronics UPSD3422 Datasheet HTML 159Page - STMicroelectronics UPSD3422 Datasheet HTML 160Page - STMicroelectronics UPSD3422 Datasheet HTML 161Page - STMicroelectronics UPSD3422 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 293 page
background image
USB interface
uPSD34xx
158/293
●
USB IN FIFO NAK Interrupt Enable Register (UIE3)
When an endpoint’s IN FIFO is empty and an IN transaction to that endpoint has been
received, the SIE sends a NAK handshake token since there is no data ready for it to
send.
The UIE3 register (see Table 75) is used to enable each endpoint’s IN FIFO NAK
Interrupt.
Table 75.
USB IN FIFO NAK interrupt enable register (UIE3 0E7h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
NAK4IE
NAK3IE
NAK2IE
NAK1IE
NAK0IE
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
NAK4IE
R/W
Enable Endpoint 4 IN FIFO NAK interrupt
3
NAK3IE
R/W
Enable Endpoint 3 IN FIFO NAK interrupt
2
NAK2IE
R/W
Enable Endpoint 2 IN FIFO NAK interrupt
1
NAK1IE
R/W
Enable Endpoint 1 IN FIFO NAK interrupt
0
NAK0IE
R/W
Enable Endpoint 0 IN FIFO NAK interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com