Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 250 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 246Page - STMicroelectronics UPSD3422 Datasheet HTML 247Page - STMicroelectronics UPSD3422 Datasheet HTML 248Page - STMicroelectronics UPSD3422 Datasheet HTML 249Page - STMicroelectronics UPSD3422 Datasheet HTML 250Page - STMicroelectronics UPSD3422 Datasheet HTML 251Page - STMicroelectronics UPSD3422 Datasheet HTML 252Page - STMicroelectronics UPSD3422 Datasheet HTML 253Page - STMicroelectronics UPSD3422 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 293 page
background image
PSD module
uPSD34xx
250/293
specified as “Common Clock Input, CLKIN” before programming the device with JTAG to get
the CLKIN function.
Bit 4 of PMMR0 can be set to logic ’1’ to block CLKIN from reaching the PLD input bus, but
CLKIN will still reach the APD counter.
Bit 5 of PMMR0 can be set to logic ’1’ to block CLKIN from reaching the OMC flip-flops only,
but CLKIN is still available to the PLD input bus and the APD counter.
See Table 144 on page 243 for details.
28.5.62
SRAM standby mode (battery backup)
The SRAM on the PSD Module may optionally be backed up by an external battery (or other
DC source) to make its contents non-volatile. This is achieved by connecting a battery to pin
PC2 on Port C and selecting the “SRAM Standby” function for pin PC2 within PSDsoft
Express. Automatic voltage supply cross-over circuitry is built into the PSD Module to switch
SRAM supply to battery as soon as VDD drops below the voltage level of the battery. SRAM
contents are protected while battery voltage is greater than 2.0V. Pin PC4 on Port C can be
used as an output to indicate that a battery switch-over has occurred. This is configured in
PSDsoft Express by selecting the “Standby On Indicator” option for pin PC4.
28.6
PSD module reset conditions
The PSD Module receives a reset signal from the MCU Module. This reset signal is referred
to as the “RST” input in PSD Module documentation, and it is active-low when asserted. The
character of the RST signal generated from the MCU Module is described in Section 19:
Supervisory functions on page 83.
Upon power-up, and while RST is asserted, the PSD Module immediately loads its
configuration from non-volatile bits to configure the PLDs and other items. PLD logic is
operational and ready for use well before RST is de-asserted. The state of PLD outputs are
determined by equations specified in PSDsoft Express.
The Flash memories are reset to Read Array mode after any assertion of RST (even if a
program or erase operation is occurring).
Flash memory WRITE operations are automatically prevented while VDD is ramping up until
it rises above the VLKO voltage threshold at which time Flash memory WRITE operations
are allowed.
Once the uPSD34xx is up and running, any subsequent reset operation is referred to as a
warm reset, until power is turned off again. Some PSD Module functions are reset in
different ways depending if the reset condition was caused from a power-up reset or a warm
reset. Table 148 on page 251 summarizes how PSD Module functions are affected by
power-up and warm resets, as well as the affect of PSD Module power-down mode (from
APD).
The I/O pins of PSD Module Ports A, B, C, and D do not have weak internal pull-ups.
In MCU I/O mode, Latched Address Out mode, and Peripheral I/O mode, the pins of Ports
A, B, C, and D become standard CMOS inputs during a reset condition. If no external
devices are driving these pins during reset, then these inputs may float and draw excessive
current. If low power consumption is critical during reset, then these floating inputs should
be pulled up externally to VDD with a weak (100KΩ minimum) resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com