Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 254 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 250Page - STMicroelectronics UPSD3422 Datasheet HTML 251Page - STMicroelectronics UPSD3422 Datasheet HTML 252Page - STMicroelectronics UPSD3422 Datasheet HTML 253Page - STMicroelectronics UPSD3422 Datasheet HTML 254Page - STMicroelectronics UPSD3422 Datasheet HTML 255Page - STMicroelectronics UPSD3422 Datasheet HTML 256Page - STMicroelectronics UPSD3422 Datasheet HTML 257Page - STMicroelectronics UPSD3422 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 293 page
background image
PSD module
uPSD34xx
254/293
Figure 92.
Recommended 4-pin JTAG connections
Note:
1
For 5V uPSD34xx devices, pull-up resistors and VCC pin on the JTAG connector should be
connected to 5V system VDD.
2
For 3.3V uPSD34xx devices, pull-up resistors and VCC pin on the JTAG connector should be
connected to 3.3V system VCC.
3
This signal is driven by an Open-Drain output in the JTAG equipment, allowing more than
one source to activate RESETIN.
28.6.5
6-pin JTAG ISP (optional)
The optional signals TSTAT and TERR are programming status flags that can reduce
programming time by as much as 30% compared to 4-pin JTAG because this status
information does not have to be scanned out of the device serially. TSTAT and TERR must
be used as a pair for 6-pin JTAG operation.
●
TSTAT (pin PC3) indicates when programming of a single Flash location is complete.
Logic 1 = Ready, Logic 0 = busy.
●
TERR (pin PC4) indicates if there was a Flash programming error. Logic 1 = no error,
Logic 0 = error.
The pin functions for PC3 and PC4 must be selected as “Dedicated JTAG - TSTAT” and
“Dedicated JTAG - TERR” in PSDsoft Express to enable 6-pin JTAG ISP.
No 8032 firmware is needed to use 6-pin ISP because all ISP functions are controlled from
the external JTAG program/test equipment.
TMS - PC0
TCK - PC1
SRAM STBY or I/O - PC2
GENERAL I/O - PC3
GENERAL I/O - PC4
TDI - PC5
TDO - PC6
GENERAL I/O - PC7
JTAG
CONN.
100k
typical
TMS
TCK
TDI
TDO
GENERAL I/O
SIGNALS
GND
VCC
(1,2)
RST
(3)
uPSD34xx
0.01
µF
CIRCUIT
BOARD
JTAG
Programming
or Test
Equipment
Connects Here
10k
PUSH BUTTON
or ANY OTHER
RESET SOURCE
DEBUG
OPTIONAL
TEST POINT
100k
RESETIN
AI10457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com