Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 253 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 249Page - STMicroelectronics UPSD3422 Datasheet HTML 250Page - STMicroelectronics UPSD3422 Datasheet HTML 251Page - STMicroelectronics UPSD3422 Datasheet HTML 252Page - STMicroelectronics UPSD3422 Datasheet HTML 253Page - STMicroelectronics UPSD3422 Datasheet HTML 254Page - STMicroelectronics UPSD3422 Datasheet HTML 255Page - STMicroelectronics UPSD3422 Datasheet HTML 256Page - STMicroelectronics UPSD3422 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 293 page
background image
uPSD34xx
PSD module
253/293
Figure 91.
JTAG chain in uPSD34xx package
28.6.3
In-system programming
The ISP function can use two different configurations of the JTAG interface:
●
4-pin JTAG: TDI, TDO, TCK, TMS
●
6-pin JTAG: Signals above plus TSTAT, TERR
At power-up, the four basic JTAG signals are all inputs, waiting for a command to appear on
the JTAG bus from programming or test equipment. When the enabling command is
received, TDO becomes an output and the JTAG channel is fully functional. The same
command that enables the JTAG channel may optionally enable the two additional signals,
TSTAT and TERR.
28.6.4
4-pin JTAG ISP (default)
The four basic JTAG pins on Port C are enabled for JTAG operation at all times. These pins
may not be used for other I/O functions. There is no action needed in PSDsoft Express to
configure a device to use 4-pin JTAG, as this is the default condition. No 8032 firmware is
needed to use 4-pin ISP because all ISP functions are controlled from the external JTAG
program/test equipment. Figure 92 shows recommended connections on a circuit board to a
JTAG program/test tool using 4-pin JTAG. It is required to connect the RST output signal
from the JTAG program/test equipment to the RESET_IN input on the uPSD34xx. The RST
signal is driven by the equipment with an Open Drain driver, allowing other sources (like a
push button) to drive RESET_IN without conflict.
Note:
The recommended pull-up resistors and decoupling capacitor are illustrated in Figure 92.
JTAG TDI
JTAG TMS
JTAG TCK
JTAG TDO
TDI
TMS TCK
TDO
TDO
TMS TCK
TDI
PC3 / TSTAT
PC4 / TERR
TSTAT
TERR
OPTIONAL
JTAG TAP
CONTROLLER
JTAG TAP
CONTROLLER
RESET_IN
OPTIONAL
DEBUG
RESET
RST
8032 MCU
MCU MODULE
PSD MODULE
MAIN
FLASH
MEMORY
2ND
FLASH
MEMORY
PLD
uPSD34xx
IEEE 1149.1
AI10460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com