Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-108
The serial channel has a buffer register for transmitting and receiving operations, in order to
temporarily store transmitted or received data, so that transmitting and receiving operations
can be done independently (Full duplex).
However, in I/O interface mode, SCLK (Serial clock) pin is used for both transmission and
receiving, the channel becomes half-duplex.
The receiving data register is of a double buffer structure to prevent the occurrence of overrun
error and provides one frame of margin before CPU reads the received data. The receiving data
register stores the already received data while the buffer register receives the next frame data.
By using CTS and RTS (There is no RTS pin, so any 1 port must be controlled by software),
it is possible to halt data send until the CPU finishes reading receive data every time a frame is
received (Handshake function).
In the UART mode, a check function is added not to start the receiving operation by error
start bits due to noise. The channel starts receiving data only when the start bit is detected to
be normal at least twice in three samplings.
When the transmission buffer becomes empty and requests the CPU to send the next
transmission data, or when data is stored in the receiving data register and the CPU is
requested to read the data, INTTX or INTRX interrupt occurs. Besides, if an overrun error,
parity error, or framing error occurs during receiving operation, flag SC0CR/SC1CR<OERR,
PERR, FERR> will be set.
The serial channel 0/1 includes a special baud rate generator, which can set any baud rate by
dividing the frequency of 4 clocks (
φT0, φT2, φT8, and φT32) from the internal prescaler (shared
by 8-bit/16-bit timer) by the value 1 to 16. In addition, serial channel 0/1 can operated by using
external input clock (SCLK 0/1).
In I/O interface mode, it is possible to input synchronous signals as well as to transmit or
receive data by external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com