| Electronic Components Datasheet Search |
|
TMP93CS32F Datasheet(PDF) 107 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F Datasheet(HTML) 107 Page - Toshiba Semiconductor |
|
107 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-105 3. Pulse width measurement This mode allows to measure the “H” level width of an external pulse. While keeping the 16-bit timer/event counter counting (free-running) with the internal clock input, the external pulse is input through the TI4 pin. Then the capture function is used to load the UC4 values into CAP1 and CAP2 at the rising edge and falling edge of the external trigger pulse respectively. The interrupt INT4 occurs at the falling edge of TI4. The pulse width is obtained from the difference between the values of CAP1 and CAP2 and the internal clock cycle. For example, if the internal clock is 0.8 microseconds and the difference between CAP1 and CAP2 is 100, the pulse width will be 100 × 0.8 µs = 80 µs. Additionally, the pulse width which is over the UC4 maximum count time specified by the clock source can be measured by changing software. Figure 3.8.16 Pulse Width Measurement Note: Only in this pulse width measuring mode (T4MOD<CAP12M1:0> = 10), external interrupt INT4 occurs at the falling edge of TI4 pin input. In other modes, it occurs at the rising edge. The width of “L” level can be measured by multiplying the difference between the first C2 and the second C1 at the second INT4 interrupt and the internal clock cycle together. See Figure 3.8.17 Time Difference Measurement. C1 C2 C1 C2 C2 C1 TI4 pin (External pulse) Loading UC4 into CAP1 Count clock (Internal clock) Loading UC4 into CAP2 INT4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |