Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-170
6.
Port Section Equivalent Circuit Diagram
•
Reading the circuit diagram
Basically, the gate symbols written are the same as those used for the standard CMOS logic
IC [74HCXX] series.
The dedicated signal is described below.
STOP: This signal becomes active “1” when the HALT mode setting register is set to the
STOP mode (WDMOD<HALTM1:0>
= 0, 1) and the CPU executes the HALT
instruction. When the drive enable bit WDMOD<DRVE> is set to “1”, however,
STOP remains at “0”.
•
The input protection resistance ranges from several tens of ohms to several hundreds of
ohms.
■
P0 (AD0 to AD7), P1 (AD8 to AD15/A8 to A15), P4, and P7
■
P2 (A16 to A23/A0 to A7), P32, P61, P62, P64, and P65
VCC
P-ch
N-ch
Output data
Output enable
STOP
Input data
Input enable
I/O
VCC
P-ch
VCC
P-ch
N-ch
Output data
Output enable
STOP
Input data
Input enable
I/O
Programmable
pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com