Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-106
Timer 5 Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
CAP4T6
CAP3T6
EQ7T6
EQ6T6
TFF6C1
TFF6C0
T5FFCR
(0049H)
Read/Write
R/W
W
After reset
0
0
0
0
1
1
TTF6 invert trigger
0: Disable trigger
1: Enable trigger
Function
Invert when
the UC
value is
loaded to
CAP4
Invert when
the UC
value is
loaded to
CAP3
Invert when
the UC
matches
TREG7
Invert when
the UC
matches
TREG6
00: Invert TFF6
01: Set TFF6
10: Clear TFF6
11: Don’t care
Always read as “11”.
Figure 3.8.6 16-Bit Timer/Event Counter Related Register (4/6)
Timer flip-flop 6 (TFF6) control
00
Inverts the TFF6 value (Software inversion).
01
Sets TFF6 to “1”.
10
Clear TFF6 to “0”.
11
Don’t care (Always read as “11”.)
Invert when the UC matches TREG6
Timer flip-flop 6 (TFF6) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC matches TREG7
Timer flip-flop 6 (TFF6) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC value is loaded to CAP3
Timer flip-flop 6 (TFF6) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Invert when the UC value is loaded to CAP4
Timer flip-flop 6 (TFF6) invert trigger
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com