| Electronic Components Datasheet Search |
|
TMP93CS45 Datasheet(PDF) 112 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 Datasheet(HTML) 112 Page - Toshiba Semiconductor |
|
112 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-110 The clock selected among fFPH clock, fc/16 clock, and fs clock is divided by 4 and input to this prescaler. This is selected by prescaler clock selection register SYSCR0<PRCK1:0>. Resetting sets <PRCK1:0> to 00, therefore fFPH/4 clock is input. The 16-bit timer 4, 5 selects between 3 clock inputs: φT1, φT4, and φT16 among the prescaler outputs. This prescaler can be run or stopped by the timer operation control register TRUN<PRRUN>. Counting starts when <PRRUN> is set to 1, while the prescaler is cleared to 0 and stops operation when <PRRUN> is set to 0. When the IDLE1 mode (Operates only oscillator) is used, set TRUN<PRRUN> to 0 to stop this prescaler before “HALT” instruction is executed. 2. Up counter UC4 is a 16-bit binary counter which counts up according to the input clock specified by T4MOD<T4CLK1:0> register. As the input clock, one of the internal clocks φT1, φT4, and φT16 from 9-bit prescaler (also used for 8-bit timer), and external clock from TI4 pin (also used as P42/INT4 pin) can be selected. When reset, it will be initialized to <T4CLK1:0> = 00 to select TI4 input mode. Counting or stop and clear of the counter is controlled by timer operation control register TRUN<T4RUN>. When clearing is enabled, up counter UC4 will be cleared to 0 each time it coincides matches the timer register TREG5. The “clear enable/disable” is set by T4MOD<CLE>. If clearing is disabled, the counter operates as a free-running counter. A timer overflow interrupt (INTTO4) is generated when UC4 overflow occurs. 3. Timer registers These two 16-bit registers are used to set the interval time. When the value of up counter UC4 matches the set value of this timer register, the comparator match detect signal will be active. Setting data for both upper and lower timer registers (TREG4 and TREG5) is always needed. For example, either using 2-byte data transfer instruction or using 1-byte data transfer instruction twice for lower 8 bits and upper 8 bits in order. TREG4 to TREG7 are write-only registers, so they can not be read by software. Upper 8 bits (TREG4H) Lower 8 bits (TREG4L) 000031H 000030H TREG4 Upper 8 bits (TREG5H) Lower 8 bits (TREG5L) 000033H 000032H TREG5 Timer 4 Upper 8 bits (TREG6H) Lower 8 bits (TREG6L) 000041H 000040H TREG6 Upper 8 bits (TREG7H) Lower 8 bits (TREG7L) 000043H 000042H TREG7 Timer 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |