Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 105Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 106Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 107Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 272 page
background image
Page 93
TMP86FS28DFG
Figure 8-6 Pulse Width Measurement Mode
TC10DRB
INTTC10
interrupt request
interrupt request
TC10 pin input
Counter
Internal clock
(MCAP10 = "1")
23
n
Count start
Count start
Trigger
(TC10S = "10")
1
3
2
1
4
0
n
0
Capture
n - 1
TC10DRB
INTTC10
TC10 pin input
Counter
Internal clock
(MCAP10 = "0")
12
n
Count start
Count start
(TC10S = "10")
3
2
1
4
0
n
Capture
Capture
n + 1
m - 2
n + 3
n + 2
n + 1
m - 1 m0
m
[Application] High-or low-level pulse width measurement
[Application] (1) Cycle/frequency measurement
(2) Duty measurement
(a) Single-edge capture
(b) Double-edge capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com