Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 105Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 106Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 107Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 272 page
background image
Page 94
8. 16-Bit TimerCounter (TC10,TC11)
8.1 16-Bit TimerCounter 10
TMP86FS28DFG
8.1.3.6 Programmable Pulse Generate (PPG) Output Mode
In the programmable pulse generation (PPG) mode, an arbitrary duty pulse is generated by counting
performed in the internal clock. To start the timer, TC10CR<TC10S> specifies either the edge of the input
pulse to the TC10 pin or the command start. TC10CR<MPPG10> specifies whether a duty pulse is pro-
duced continuously or not (one-shot pulse).
• When TC10CR<MPPG10> is set to “0” (Continuous pulse generation)
When a match between the up-counter and the TC10DRB value is detected after the timer
starts, the level of the PPG pin is inverted and an INTTC10 interrupt request is generated. The
up-counter continues counting. When a match between the up-counter and the TC10DRA value
is detected, the level of the PPG pin is inverted and an INTTC10 interrupt request is generated.
The up-counter is cleared at this time, and then continues counting and pulse generation.
When TC10S is cleared to “00” during PPG output, the PPG pin retains the level immediately
before the counter stops.
• When TC10CR<MPPG10> is set to “1” (One-shot pulse generation)
When a match between the up-counter and the TC10DRB value is detected after the timer
starts, the level of the PPG pin is inverted and an INTTC10 interrupt request is generated. The
up-counter continues counting. When a match between the up-counter and the TC10DRA value
is detected, the level of the PPG pin is inverted and an INTTC10 interrupt request is generated.
TC10CR<TC10S> is cleared to “00” automatically at this time, and the timer stops. The pulse
generated by PPG retains the same level as that when the timer stops.
Since the output level of the PPG pin can be set with TC10CR<TFF10> when the timer starts, a positive
or negative pulse can be generated. Since the inverted level of the timer F/F1 output level is output to the
PPG
pin, specify TC10CR<TFF10> to “0” to set the high level to the PPG pin, and “1” to set the low level
to the PPG pin. Upon reset, the timer F/F1 is initialized to “0”.
Note 1: To change TC10DRA or TC10DRB during a run of the timer, set a value sufficiently larger than the
count value of the counter. Setting a value smaller than the count value of the counter during a run of
the timer may generate a pulse different from that specified.
Note 2: Do not change TC10CR<TFF10> during a run of the timer. TC10CR<TFF10> can be set correctly
only at initialization (after reset). When the timer stops during PPG, TC10CR<TFF10> can not be set
correctly from this point onward if the PPG output has the level which is inverted of the level when the
timer starts. (Setting TC10CR<TFF10> specifies the timer F/F1 to the level inverted of the pro-
grammed value.) Therefore, the timer F/F1 needs to be initialized to ensure an arbitrary level of the
PPG output. To initialize the timer F/F1, change TC10CR<TC10M> to the timer mode (it is not
required to start the timer mode), and then set the PPG mode. Set TC10CR<TFF10> at this time.
Note 3: In the PPG mode, the following relationship must be satisfied.
TC10DRA > TC10DRB
Note 4: Set TC10DRB after changing the mode of TC10M to the PPG mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com