Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL71841SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 3 of 30
Aug 10, 2023
Ordering Information
SMD ORDERING
NUMBER
(Note 4)PART NUMBER
RADIATION HARDNESS
(Total Ionizing Dose)
PACKAGE DESCRIPTION
PKG.
DWG. #
TEMP
RANGE
5962R1522001VXC
ISL71841SEHVF (Note 2)
HDR to 100krad(Si),
LDR to 100krad(Si)
48 LD CQFP (RoHS Compliant)
R48.A
-55 to
+125°C
5962R1522001VYA
ISL71841SEHVL (Note 3)
44 LD CLCC
J44.A
5962R1522001V9A
ISL71841SEHVX (Note 5)
Die (RoHS Compliant)
N/A
N/A
ISL71841SEHF/PROTO (Notes 2, 6)
N/A
48 LD CQFP (RoHS Compliant)
R48.A
N/A
ISL71841SEHL/PROTO (Notes 3, 6)
44 LD CLCC
J44.A
N/A
ISL71841SEHX/SAMPLE (Notes 5, 6)
Die (RoHS Compliant)
N/A
N/A
ISL71841SEHEV1Z (Note 7)
Evaluation Board
NOTES:
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. These Hermetic Packaged products are intended for SnPb soldering and may be shipped with terminations precoated with SnPb solder compatible
with SnPb soldering operations only.
4. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
5. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in “Electrical Specifications (±15V)” and “Electrical Specifications (±12V)”.
6. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
7. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.
TABLE 1. TABLE OF DIFFERENCES
SPECIFICATION
ISL71840SEH
ISL71841SEH
Number of Channels
16
32
Supply Current (I+/I-)
350µA (maximum)
400µA (maximum)
Output Leakage (+125°C)
60nA (maximum)
120nA (maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com