Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71841SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 4 of 30
Aug 10, 2023
FIGURE 3. ESD Circuits
Pin Configurations
ISL71841SEH
(48 LD CQFP)
TOP VIEW
ISL71841SEH
(44 LD CLCC)
TOP VIEW
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
IN28
IN27
IN26
IN25
IN24
IN23
IN22
IN21
IN20
IN19
IN18
IN17
IN12
IN11
IN10
IN9
IN8
IN5
IN4
IN3
IN2
IN1
IN7
IN6
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
IN5
IN2
IN11
IN10
IN4
IN6
IN1
IN27
IN26
IN25
IN24
IN23
IN22
IN21
IN20
IN19
IN17
IN18
IN8
IN7
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
IN3
IN9
1
Pin Descriptions
PIN NAME
PIN NUMBER
48 LD CQFP
PIN NUMBER
44 LD CLCC
DESCRIPTION
NC
2, 26, 27, 47, 48
28
Not connected, no internal connection
OUT
1
1
Output for multiplexer (see Circuit 1 in Figure 3)
V+
19
18
Positive power supply (see Circuit 3 in Figure 3)
V-
30
27
Negative power supply (see Circuit 4 in Figure 3)
INx
3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13,
14, 15, 16, 17, 18,
31, 32, 33, 34, 35, 36, 37, 38,
39, 40, 41, 42, 43, 44, 45, 46
2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12,
13, 14, 15, 16, 17, 29, 30, 31,
32, 33, 34, 35, 36, 37, 38, 39,
40, 41, 42, 43, 44
Inputs for multiplexer (see Circuit 2 in Figure 3)
Ax
21, 22, 23, 24, 25
20, 21, 22, 23, 24
Address lines for multiplexer (see Circuit 3 in Figure 3)
EN
28
25
Enable control for multiplexer (active low, see Circuit 3 in Figure 3)
VREF
20
19
Reference voltage used to set logic thresholds (see Circuit 3 in
Figure 3)
GND
29
26
Ground
LID
NA
NA
Package lid is internally connected to GND (Pin 29 on CQFP, Pin 26
on CLCC)
±20V
PIN
20V
±40V
20V
20V
V+
V-
GNDGND
GNDGND
PIN
PIN
PIN
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
CIRCUIT 4
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com