Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 30Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 30 of 30
Aug 10, 2023
For the most recent package outline drawing, see J44.A.
D
j x 45o
D3
B
h x 45o
A
A1
E
L
L3
e
B3
L1
D2
D1
e1
E2
E1
L2
PLANE 2
PLANE 1
E3
B2
0.010
E H
S
S
0.010
E F
S
S
-E-
0.007
E F
M
S HS
B1
-H-
-F-
J44.A MIL-STD-1835 CQCC1-N44 (C-5)
44 PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.064
0.120
1.63
3.05
6, 7
A1
0.054
0.088
1.37
2.24
-
B
0.033
0.039
0.84
0.99
4
B1
0.022
0.028
0.56
0.71
2, 4
B2
0.072 REF
1.83 REF
-
B3
0.006
0.022
0.15
0.56
-
D
0.640
0.662
16.26
16.81
-
D1
0.500 BSC
12.70 BSC
-
D2
0.250 BSC
6.35 BSC
-
D3
-
0.662
-
16.81
2
E
0.640
0.662
16.26
16.81
-
E1
0.500 BSC
12.70 BSC
-
E2
0.250 BSC
6.35 BSC
-
E3
-
0.662
-
16.81
2
e
0.050 BSC
1.27 BSC
-
e1
0.015
-
0.38
-
2
h
0.040 REF
1.02 REF
5
j
0.020 REF
0.51 REF
5
L
0.045
0.055
1.14
1.40
-
L1
0.045
0.055
1.14
1.40
-
L2
0.075
0.095
1.90
2.41
-
L3
0.003
0.015
0.08
0.38
-
ND
11
11
3
NE
11
11
3
N44
44
3
Rev. 0 5/18/94
NOTES:
12. Metallized castellations shall be connected to plane 1 terminals
and extend toward plane 2 across at least two layers of ceramic
or completely across all of the ceramic layers to make electrical
connection with the optional plane 2 terminals.
13. Unless otherwise specified, a minimum clearance of 0.015 inch
(0.38mm) shall be maintained between all metallized features
(e.g., lid, castellations, terminals, thermal pads, etc.)
14. Symbol “N” is the maximum number of terminals. Symbols “ND”
and “NE” are the number of terminals along the sides of length
“D” and “E”, respectively.
15. The required plane 1 terminals and optional plane 2 terminals (if
used) shall be electrically connected.
16. The corner shape (square, notch, radius, etc.) may vary at the
manufacturer’s option, from that shown on the drawing.
17. Chip carriers shall be constructed of a minimum of two ceramic
layers.
18. Dimension “A” controls the overall package thickness. The maxi-
mum “A” dimension is package height before being solder dipped.
19. Dimensioning and tolerancing per ANSI Y14.5M-1982.
20. Controlling dimension: INCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com