Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 12 of 30
Aug 10, 2023
Typical Performance Curves V±= ±15V, V
CM = 0V, RL = Open, TA = +25°C, unless otherwise specified.
FIGURE 13. rDS(ON) vs VCM (V± = 14.5V)
FIGURE 14. rDS(ON) vs VCM (V± = 15.0V)
FIGURE 15. rDS(ON) vs VCM (V± = 16.5V)
FIGURE 16. rDS(ON) vs VCM (V± = 10.8V)
FIGURE 17. rDS(ON) vs VCM (V± = 12.0V)
FIGURE 18. rDS(ON) vs VCM (V± = 13.2V)
0
100
200
300
400
500
600
-55°C
+25°C
+125°C
SWITCH INPUT VOLTAGE (V)
-20
-15
-10
-5
0
5
10
15
20
0
100
200
300
400
500
600
-20
-15
-10
-5
0
5
10
15
20
-55°C
+125°C
+25°C
SWITCH INPUT VOLTAGE (V)
0
100
200
300
400
500
600
-20
-15
-10
-5
0
5
10
15
20
-55°C
+25°C
+125°C
SWITCH INPUT VOLTAGE (V)
0
100
200
300
400
500
600
700
-15
-10
-5
0
5
10
15
-55°C
+25°C
+125°C
SWITCH INPUT VOLTAGE (V)
0
100
200
300
400
500
600
-15
-10
-5
0
5
10
15
-55°C
+25°C
+125°C
SWITCH INPUT VOLTAGE (V)
0
100
200
300
400
500
600
-15
-10
-5
0
5
10
15
SWITCH INPUT VOLTAGE (V)
+125°C
+25°C
-55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com