Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL71841SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DATASHEET
FN8735 Rev. 8.00
Page 1 of 30
Aug 10, 2023
© 2015-2023 Renesas Electronics
ISL71841SEH
Radiation Hardened 30V 32-Channel Analog Multiplexer
The ISL71841SEH is a radiation hardened, 32-channel high
ESD protected multiplexer fabricated using the Renesas
proprietary P6SOI (Silicon On Insulator) process technology to
mitigate single event effects. It operates with a dual supply
voltage ranging from ±10.8V to ±16.5V. It has a 5-bit address
plus an enable pin that can be driven with adjustable logic
thresholds to conveniently select one of 32 available channels.
An inactive channel is separated from an active channel by a
high impedance, which inhibits any interaction between them.
The ISL71841SEH’s low rON allows for improved signal
integrity and reduced power losses. The ISL71841SEH is also
designed for cold sparing, making it excellent for high
reliability applications that have redundancy requirements. It
is designed to provide a high impedance to the analog source
in a powered off condition, making it easy to add additional
backup devices without loading signal sources. The
ISL71841SEH also incorporates input analog overvoltage
protection, which disables the switch to protect downstream
devices.
The ISL71841SEH is available in a 48 Ld CQFP, 44 Ld CLCC, or
die form and operates across the extended temperature range
of -55°C to +125°C.
A 16-channel version in a 28 Ld CDFP is also available. Refer
to the ISL71840SEH datasheet for more information. For a list
of differences between the ISL71841SEH and ISL71840SEH,
see Table 1 on page 3.
Features
•DLA SMD #5962-15220
• Fabricated using P6SOI process technology
• Provides latch-up immunity
• ESD protection 8kV (HBM)
• Rail-to-rail operation
• Overvoltage protection
•Low rON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <500Ω (typical)
• Flexible split rail operation
- Positive supply above GND (V+) . . . . . . . +10.8V to +16.5V
- Negative supply below GND (V-) . . . . . . . . -10.8V to -16.5V
• Adjustable logic threshold control with VREF pin
• Cold sparing capable (from ground). . . . . . . . . . . . . . . . .±25V
• Analog overvoltage range (from ground) . . . . . . . . . . . . .±35V
• Off switch leakage . . . . . . . . . . . . . . . . . . . 100nA (maximum)
• Transition times (tR, tF) . . . . . . . . . . . . . . . . . . . 500ns (typical)
• Break-before-make switching
• Grounded metal lid (internally connected)
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation tolerance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . 100krad(Si) (Note 1)
- SEB LETTH . . . . . . . . . . . . . . . . . . . . . . . . . 86.4MeV•cm2/mg
NOTE:
1. Product capability established by initial characterization. All
subsequent lots are assurance tested to 50krad (0.01rad(Si)/s)
wafer-by-wafer.
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. rDS(ON) vs POWER SUPPLY ACROSS SWITCH INPUT
COMMON-MODE VOLTAGE AT +25°C
IN01
IN02
IN32
ADDRESS
5
IN03
.
.
.
OUT
ADC
ISL71841SEH
EN
0
100
200
300
400
500
600
-20
-15
-10
-5.0
0
5.0
10
15
20
-55°C
+125°C
+25°C
SWITCH INPUT VOLTAGE (V)


Similar Part No. - ISL71841SEHL/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71841SEHL/PROTO RENESAS-ISL71841SEHL/PROTO Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results

Similar Description - ISL71841SEHL/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com