Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ISL71841SEH
FN8735 Rev. 8.00
Page 24 of 30
Aug 10, 2023
Applications Information
Power-Up Considerations
The circuit is designed to be insensitive to any given power-up
sequence between V+, V-, and VREF; however, it is recommended
that all supplies power up relatively close to each other.
Overvoltage Protection
The ISL71841SEH has overvoltage protection on both the input
and the output. On the output, the voltage is limited to a diode
past the rails. Each of the inputs has independent overvoltage
protection that works regardless of the switch being selected. If a
switch experiences an overvoltage condition (3V to 4V past the
rail), the switch is turned off. As soon as the voltage returns
within the rails, the switch returns to normal operation.
VREF and Logic Functionality
The VREF pin sets the logic threshold for the ISL71841SEH. The
range for VREF is between 4.5V and 5.5V with a nominal voltage
of 5V. The address pins and enable are compared against
roughly 30% of VREF voltage (refer to Figure 80). With 5.0V on
VREF, the switching point is set to around 1.4V. This switching
point allows for both 5V and 3.3V logic control.
Considerations for Redundant Applications
When using the ISL71841SEH in a cold sparing application, it is
recommended to keep the ground pin connected to system
ground at all times. All supply pins (V+, V-, and VREF) should
either be grounded or floating together.
If the supply pins are floating, it is recommended to place a high
value bleed resistor (~1MΩ) in parallel with the decoupling
capacitors on each supply pin to ensure that the supply voltage is
discharged in a predictable manner. Figures 81 and 82 illustrate
the recommended cold sparing setup for both shorted or floating
supplies.
ISL71841SEH vs ISL71840SEH
The ISL71840SEH, a 16-channel version of the ISL71841SEH, is
available in a 28 Ld CDFP. The parts’ performance specifications
are very similar. Apart from the apparent increase in channel
density, the ISL71841SEH has slightly higher output leakage
compared to the ISL71840SEH because it has more channels
connected to the output. The supply current for the ISL71841SEH
is also slightly higher compared to the ISL71840SEH. Refer to
Table 1 on page 3 for a comparison of the two devices.
400kΩ
200kΩ
ISL71841SEH
A/EN
VREF
TO DECODER
FIGURE 80. SIMPLIFIED VREF CIRCUITRY
FIGURE 81. COLD SPARING SETUP WITH SUPPLIES SHORTED
FIGURE 82. COLD SPARING SETUP WITH SUPPLIES FLOATING
SUPPLY PIN
SYSTEM VOLTAGE
SUPPLY PIN
SYSTEM VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com