Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 5Page - Qorvo, Inc ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc ACT4921 Datasheet HTML 10Page - Qorvo, Inc ACT4921 Datasheet HTML 11Page - Qorvo, Inc ACT4921 Datasheet HTML 12Page - Qorvo, Inc ACT4921 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
9 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
INTERNAL BUCK REGULATOR
(VIN = 5V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage Range
3
28
V
Typical Output Voltage
3.3
V
Programmable Output Voltage Range Using external resistor divider
1.8
6
V
Standby Supply Current
VOUT = 103%, Regulator Enabled, No Load,
not switching
300
450
600
µA
Feedback Voltage
0.8
V
Output Voltage Accuracy
VOUT = 3.3V, IOUT = 2A (continuous PWM mode)
-1%
VNOM
1%
V
VOUT = 3.3V, IOUT = 1mA (PFM mode) Average
Ripple Voltage
-1%
VNOM
1%
V
Line Regulation
VOUT = 3.3V VIN_B1 = 5.5V to 12V, PWM Regulation
0.02
%/V
Load Regulation
VOUT = 3.3V PWM Regulation
0.04
%/A
Undervoltage Threshold
VOUT Falling
BUCK_UV_TH = 00
BUCK_UV_TH = 01
BUCK_UV_TH = 10
BUCK_UV_TH = 11
60
70
80
90
%VNOM
Power Good Threshold (PG_VO)
VOUT Falling
95
%VNOM
Power Good Hysteresis (PG_VO)
VOUT Rising
2
%VNOM
Overvoltage Fault Threshold
VOUT Rising
107
110
112.5
%VNOM
Overvoltage Fault Hysteresis
VOUT Falling
3
%VNOM
Programmable Switching
Frequency Range
VOUT > 20% VNOM
562
kHz
1125
1500
2250
Current Limit, Cycle-by-Cycle
Settings
BKILIM_OPT = 0
BKILIM_OPT = 1
3
6
A
Current Limit, Cycle-by-Cycle
Tolerance
At default BKILIM_OPT
-10
+10
%
At other BKILIM_OPT set point
-15
+15
%
Current Limit, Shutdown
Above BKILIM_OPT threshold
40
%
High Side On-Resistance
ISW = -3A, VSTR = 5V
46
mΩ
Low Side On-Resistance
ISW = 3A, VSTR = 5V
32
mΩ
SW Leakage Current
VSTR = 5V, VSW = 0 or 3.3V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com