Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
20 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Table 4: Over Voltage Reference Settings
VINS_OV_REF[2:0]
OV Threshold (V)
000
Disabled
001
0.82
010
0.92
011
1.00
100
1.08
101
1.16
110
1.24
111
1.32
ENB
The ENB pin enables the blocking FET, the buck
converter, and the boost converter. They are disabled
when ENB is low and enabled when ENB is high. ENB
provides two main system level functions. The first is to
isolate the storage capacitors as startup to allow faster
system startup. ENB is typically held low by the system
processor at startup. After the system starts up, the
processor pulls ENB high to allow the boost converter
to charge the storage caps. The second function is to
provide fault isolation. In the event of a storage
capacitor failure, ENB can be pulled low to isolate the
capacitors from the system. This allows the system to
continue operating until it can be safely shutdown.
STR
STR is the output to the storage capacitor bank. In
normal operation the internal boost converter charges
the storage capacitors through the STR pin. When the
IC enters supplement mode, the internal buck converter
uses the STR pin as its input to power the system. The
STR pin is typically connected to hundreds of
microfarads of storage capacitance. It always requires
a 22uF or greater ceramic capacitor. See the Buck
Converter section for more information.
nIRQ—Interrupt
ACT4921 has an interrupt pin to inform the host of any
fault conditions. In general, any IC function with a status
bit asserts nIRQ pin low if the status changes. The
status changes can be masked by setting their
corresponding register bits. If nIRQ is asserted low, the
fault must be read before the IC deasserts nIRQ. If the
fault remains after reading the status bits, nIRQ remains
asserted.
The status changes shown below assert the nIRQ pin:
•
Input overvoltage, undervoltage
•
Thermal warning, thermal shutdown
•
eFuse VIN to VOUT over limits
•
eFuse current warning and limit
•
VB pin is not valid (VB or STR short)
•
Storage capacitor overvoltage, undervoltage
•
Supplemental mode active
•
Buck operation faults
•
Buck undervoltage shutdown
•
REF LDO undervoltage
nIRQ is an open-drain output and should be pulled up
to an appropriate supply voltage with a 10kΩ or greater
pull-up resistor.
SCL, SDA
SCL and SDA are the I2C clock and data pins to the IC
They have standard I2C functionality. They are open-
drain outputs and each require a pull-up resistor. The
pull-up resistor is typically tied to the system’s uP IO
pins. The pullup voltage can range from 1.8V to 5.0V.
REF
The REF pin is an internal bias voltage output pin.
Connect a 1µF capacitor between REF and AGND. Do
not apply an external load to the REF pin.
BSET
BSET sets the boost converter output voltage. The
output voltage is a function of both a resistor connected
between BSET and AGND as well as internal I2C
register settings. See the Storage Boost Converter
section for more information.
ISET
ISET sets the eFuse current limit with a resistor
connected to AGND. See the eFuse section for more
information.
SS
The SS pin uses a capacitor to AGND to control the
eFuse softstart timing. See the eFuse section for more
information.
PGND
The PGND pin is the buck and boost converters’ power
ground. The internal FETs connect directly to the PGND
pins. The power supply input and output capacitors
should connect to the PGND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com