Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 13Page - Qorvo, Inc ACT4921 Datasheet HTML 14Page - Qorvo, Inc ACT4921 Datasheet HTML 15Page - Qorvo, Inc ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
17 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
UV/POR
eFuse
Soft-Start
VIN - VOUT < 200mV
Soft-start done
Supplement
Mode
Health Check
repeats every
4min
eFuse over
current
TJ > 155°C
VIN > UVLO
eFuse not in OC
& TJ < 155°C
& 100ms delay
eFuse over current
TJ > 155°C
STR < PG_THR
Or TJ > 135° C
Or LDO UV
Or Storage cap OV
Or Boot cap f ail
Normal Mode
Health
Check
Storage cap < 3.0V
Buck output UV/OV
Buck OC
LDO UV
Compensation pin short to GND
Shutdown
Mode
EN UV/OV
VIN OV
eFuse OC
VIN - VOUT > 300mV
VINS UV
TJ > 155°C
STR > PG_THR
&TJ < 135° C
& LDO not UV
& Storage cap not OV
& Boot cap not fail
Supplement-
Disable Mode
Figure 3: State Machine Diagram
Table 2: Enabled Functions in Different States
States
eFuse
Boost
Buck
BFET
VREF
UV/POR
Disabled
Disabled
Disabled
Disabled
Disabled
SOFT-START
Enabled
Disabled
Disabled
Disabled
Enabled
NORMAL
Enabled
Enabled
Disabled
Enabled
Enabled
HEALT CHECK
Enabled
Enabled
Disabled
Enabled
Enabled
SUPPLEMENT
Disabled
Disabled
Enabled
Enabled
Enabled
SUPPLEMENT-DISABLE
Enabled
Disabled
Disabled
Enabled
Enabled
SHUTDOWN
Disabled
Disabled
Disabled
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com