Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT4921 Datasheet HTML 1Page - Qorvo, Inc ACT4921 Datasheet HTML 2Page - Qorvo, Inc ACT4921 Datasheet HTML 3Page - Qorvo, Inc ACT4921 Datasheet HTML 4Page - Qorvo, Inc ACT4921 Datasheet HTML 5Page - Qorvo, Inc ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
3 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
ORDERING INFORMATION
PART NUMBER
Input Voltage
Storage Voltage
Fsw
BST_CLIM
Buck Current
Limit
PACKAGE
ACT4921QI301-T
3.3V
28V
1.125MHz
950mA
6A
FCQFN4x4-32
A CT492 1QIxx x-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: Package Code designator “Q” represents QFN
Note 3: Pin Count designator “I” represents 32 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com