Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT4921 Datasheet HTML 1Page - Qorvo, Inc ACT4921 Datasheet HTML 2Page - Qorvo, Inc ACT4921 Datasheet HTML 3Page - Qorvo, Inc ACT4921 Datasheet HTML 4Page - Qorvo, Inc ACT4921 Datasheet HTML 5Page - Qorvo, Inc ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ACT4921
Power Loss Protection with 6A eFuse
Data Sheet Rev. B, January 2020 | Subject to change without notice
1 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FEATURES
• Optimized for Low Voltage Applications
• 2.6-to-7V Operating Input Range
• 8V Max Input Blocking Voltage
• Adjustable In-rush Current Control
• Configurable Input Power Failure Level
• Programmable up to 6A Input Current Limit
• Programmable 5V to 28V Boost Storage Voltage
• 28V@4A Synchronous Buck Supports 100%
Duty Cycle
• Programmable
up to 2.25MHz Buck Operating
Frequency for Small Inductor Size
• Power Loss, Vout Power Good, and Storage Cap
Power Good Indicators
• Compatible with Different Types of Storage Caps:
Super Caps, Electrolytic, Tantalum, POSCAP etc.
• Autonomous Health Monitoring for Detection of
Earlier Storage Capacitor Failures
• Configurable
Interrupts to Inform Host for any
Faults/Status Change
• eFuse, Boost, and Buck UV/OV/OC Protection
• Thermal Alert and Protection
• Thermal Enhanced FCQFN 4x4-32 package
APPLICATIONS
• Solid State Drives
• Power Backup Systems
• Industrial Applications
• eFuse
• Hot Plug Devices
GENERAL DESCRIPTION
The ACT4921 device is a highly integrated power loss
protection IC. It provides backup storage power in the
event of an input power failure. A built-in boost converter
provides high voltage energy storage to minimize
storage capacitor size requirements. The built-in buck
converter regulates the storage voltage to a fixed output
voltage. It contains internal, back-to-back eFuse FETs
to provide bi-directional input to output isolation. The IC
also provides hot swap and inrush current control.
The ACT4921 is very flexible and can easily be
configured with I2C and external components. It
features programmable storage capacitor voltage to
optimize the storage capacitor sizing and system run
time. The internal health monitoring provide an extra
layer of protection and improve system reliability and
early capacitor failure notification. It automatically
checks the storage capacitor health and notifies the
user when the energy in the storage caps is not
sufficient for backup power. The built-in synchronous
buck converter maximizes energy transfer from the
storage caps to the system.
ACT4921 provides an I2C bus interface to allow MCU
control and monitoring. There are supervisor monitors
for the input voltage, output voltage, and storage
voltage. It is available with the thermal enhanced QFN
4x4 32 pin package.
28V Buck/Boost
Controller
Caps
Health Monitor/
ADC
Input 2.6V-7V
Blocking up to 8V
2.6V-6V
5V-28V
40mΩ
FET
25mΩ
FET
PMU
System
Core/Flash
5V-28V
eFuse 20mΩ
Inrush Controller
Blocking
FET


Similar Part No. - ACT4921

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4921QI301-T ACTIVE-SEMI-ACT4921QI301-T Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
More results

Similar Description - ACT4921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
5A eFuse Power MUX with Multiple Protection Modes
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com