Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88430 Datasheet(PDF) 59 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 59 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 55Page - Qorvo, Inc ACT88430 Datasheet HTML 56Page - Qorvo, Inc ACT88430 Datasheet HTML 57Page - Qorvo, Inc ACT88430 Datasheet HTML 58Page - Qorvo, Inc ACT88430 Datasheet HTML 59Page - Qorvo, Inc ACT88430 Datasheet HTML 60Page - Qorvo, Inc ACT88430 Datasheet HTML 61Page - Qorvo, Inc ACT88430 Datasheet HTML 62Page - Qorvo, Inc ACT88430 Datasheet HTML 63Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
59 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
nRESET is triggered from all output’s internal POK signals with a 998us delay.
nRESET_AUX1
The nRESET_AUX1 is triggered all outputs’ internal POK signals with a 1989us delay.
nRESET_AUX2
The nRESET_AUX2 pin is configured to go low when the IC enters SLEEP mode.
EXT_PG
EXT_PG is the DVS control input for Buck3. When EXT_PG = L, the VSET0 register controls the Buck3 converter
output voltage to 1.5V. When EXT_PG = H the VSET1 register controls the Buck3 converter output voltage to 1.35V.
MODE
The MODE pin must be connected to AGND.
GPIO
GPIO is the DVS control input for Buck4. When GPIO = L, the VSET1 register controls the Buck4 converter output
voltage to 1.8V. When GPIO = H the VSET0 register controls the Buck4 converter output voltage to 1.2V.
Buck1/2/3 Voltage Setting
Buck1/3 reference voltage is 0.8V. This sets the allowable voltage range between 0.8V to 3.988V in 12.5mV steps.
Buck2 reference voltage is 0.6V. This sets the allowable voltage range between 0.6V to 3.000V in 9.375mV steps.
LDO1 Voltage Setting
LDO1 is configured as an LDO with CMI109. It can be configured between 2.0V to 3.575V in 25mV steps.
LDO2 Voltage Setting
The LDO2 reference voltage is 0.6V. This sets the allowable voltage range between 0.8V to 2.375V in 25mV steps.
LDO3 Voltage Setting
The LDO2 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
Device ID
The CMI 109 Device ID (register 0x7Dh) = 0x09h
I2C Address
The CMI 109 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com