Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88430 Datasheet(PDF) 47 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 47 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 43Page - Qorvo, Inc ACT88430 Datasheet HTML 44Page - Qorvo, Inc ACT88430 Datasheet HTML 45Page - Qorvo, Inc ACT88430 Datasheet HTML 46Page - Qorvo, Inc ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc ACT88430 Datasheet HTML 50Page - Qorvo, Inc ACT88430 Datasheet HTML 51Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
47 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
EXT_EN
The EXT_EN pin is functional with CMI 101. Connect to the enable signal of an external power supply.
nRESET
nRESET is not functional with CMI 101. Leave nRESET floating.
nRESET_AUX1
The nRESET_AUX1 pin is programmed as a digital input. The nRESET_AUX1 input should default L when power is
applied to the IC. When nRESET_AUX1 = H, Buck1, Buck2, and Buck3 turn on. When nRESET_AUX1 = L, these
outputs turn off. Note that PWREN must be H before nRESET_AUX1 is pulled high.
nRESET_AUX2
The nRESET_AUX2 pin is not functional with CMI 101. Leave the nRESET_AUX2 pin floating.
EXT_PG
The EXT_PG pin is not functional with CMI 101. Leave the EXT_PG pin floating.
MODE
The MODE pin must be tied to ground.
GPIO
GPIO is the DVS control input. When GPIO = H, the VSET0 register controls the buck converter output voltages. When
GPIO = L the VSET1 register controls the buck converter output voltages. Note that the default VSET0 and VSET1
settings are the same for each buck converter except Buck4. Buck 4 operates at 1.2V in ACTIVE mode and at 1.1V
when DVS is activated.
Buck1/2/3 Voltage Setting
Buck1/2/3 reference voltage is 0.6V. This sets the allowable voltage range between 0.6V to 3.000V in 9.375mV steps.
LDO1/3 Voltage Setting
The LDO1/3 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
LDO2 Voltage Setting
The LDO2 reference voltage is 0.6V. This sets the allowable voltage range between 0.8V to 2.375V in 25mV steps.
Device ID
The CMI 101 Device ID (register 0x7Dh) = 0x01h
I2C Address
The CMI 101 7-bit I2C address is 0x53h. This results in 0xA6h for a write address and 0xA7h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com