Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88430 Datasheet(PDF) 69 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 69 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 65Page - Qorvo, Inc ACT88430 Datasheet HTML 66Page - Qorvo, Inc ACT88430 Datasheet HTML 67Page - Qorvo, Inc ACT88430 Datasheet HTML 68Page - Qorvo, Inc ACT88430 Datasheet HTML 69Page - Qorvo, Inc ACT88430 Datasheet HTML 70Page - Qorvo, Inc ACT88430 Datasheet HTML 71Page - Qorvo, Inc ACT88430 Datasheet HTML 72Page - Qorvo, Inc ACT88430 Datasheet HTML 73Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
69 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
CMI 120: ACT88430QJ120-T
CMI 120 is optimized for the i.MX6 processor. CMI 120 configured for a 5V input voltage.
Voltage and Currents
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (us)
Soft-Start
(us)
LDO2
1
UVLO
313
220
LDO1
2
EXT_PG
213
570
Buck2
3
LDO1
513
485
Buck3
4
Buck2
513
485
Buck4
5
Buck3
513
204
LDO3
6
Buck4
313
126
Buck1
7
GPIO
313
485
Rail
Active
Mode Volt-
age
VSET0 (V)
DVS Volt-
age
VSET1 (V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
Current
Limit (A)
Fsw (kHz)
Buck1
3.8
3.8
n/a
0
5.3
2250
Buck2
1.35
1.35
n/a
0
2
2250
Buck3
1.3
1.3
n/a
0
2
2250
Buck4
3.3
3.3
n/a
0
4
2250
LDO1
3.3
n/a
n/a
0
0.35
n/a
LDO2
3.3
n/a
n/a
3.3
0.315
n/a
LDO3
3.15
n/a
n/a
0
0.39
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com