Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88430 Datasheet(PDF) 28 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 28 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 24Page - Qorvo, Inc ACT88430 Datasheet HTML 25Page - Qorvo, Inc ACT88430 Datasheet HTML 26Page - Qorvo, Inc ACT88430 Datasheet HTML 27Page - Qorvo, Inc ACT88430 Datasheet HTML 28Page - Qorvo, Inc ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
28 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
SYSTEM CONTROL INFORMATION
General
The ACT88430 is a single-chip integrated power
management
solution
designed
to
power
many
processors. It integrates four highly efficient buck
regulators, three LDOs, and an integrated load bypass
switch. Its high integration and high switching frequency
result in an extremely small footprint and lost power
solution. It contains a master controller that manages
startup sequencing, timing, voltages, slew rates, sleep
states, and fault conditions. I2C configurability allows
system level changes without the need for costly PCB
changes. The built-in load bypass switch enables full
sequencing configurability in 3.3V systems.
The ACT88430 master controller monitors all outputs
and reports faults via I2C and hardwired status signals.
Faults can masked and fault levels and responses are
configurable via I2C.
Many of the ACT88430 pins and functions are
configurable. The IC’s default functionality is defined by
the default CMI (Code Matrix Index), but much of this
functionality can be changed via I2C. The first part of the
datasheet describes basic IC functionality and default
pin functions. The end of the datasheet provides the
configuration and functionality specific to each CMI
version. Contact Qorvo for additional information about
other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT88430 uses standard I2C commands. The
ACT88430 always operates as a slave device, and is
addressed using a 7-bit slave address followed by an
eighth bit, which indicates whether the transaction is a
read-operation or a write-operation. As an example, the
7-bit slave address 0x5Ah follows the format 1011010x
where “x” is a 0 for write operation and 1 for a read
operation. This results in 0xB4h for write operations and
0xB5h for read operations. Refer to each specific CMI
for the IC’s slave address
There is no timeout function in the I2C packet
processing state machine, however, any time the I2C
state machine receives a start bit command, it
immediately resets the packet processing, even if it is in
the middle of a valid packet.
The ACT88430 holds the I2C state machine in reset
during the RESET, Idle, OVUVFLT, and THERMAL
states to avoid a corruption of registers when the
voltage regulators are out of spec.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pullup resistor. Signals on these pins must meet tim-
ing requirements in the Electrical Characteristics Table.
Table 1: ACT88430 I2C Addresses
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x53h
101 0011b
0xA6h
0xA7h
0x55h
101 0101b
0xAAh
0xABh
0x5Ah
101 1010b
0xB4h
0xB5h
0x5Bh
101 1011b
0xB6h
0xB7h
I2C Registers
The ACT88430 has an array of internal registers that
contain the IC’s basic instructions for setting up the IC
configuration, output voltages, switching frequency,
fault thresholds, fault masks, etc. These registers give
the IC its operating flexibility. The two types of registers
are described below.
Basic Volatile – These are R/W (Read and Write)
and RO (Read only). After the IC is powered, the user
can modify the R/W register values to change IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After
the IC is powered, the user can modify the R/W register
values
to
change
IC
functionality.
Changes
in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory
to
optimize
IC
functionality
for
specific
applications. Please consult Qorvo for custom options
and minimum order quantities.
When modifying only certain bits within a register,
take care to not inadvertently change other bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
The ACT88430 contains an internal state machine with
five internal states.
RESET State
In the RESET, or “cold” state, the ACT88430 is waiting
for the input voltage on VIN to be within a valid range
defined by I2C bits POK_OV_SET and POK_UV_SET.
All
regulators
are
off
in
RESET.
nRESET,
nRESET_AUX1, and nRESET_AUX2 are asserted low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com