Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88430 Datasheet(PDF) 68 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 68 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 64Page - Qorvo, Inc ACT88430 Datasheet HTML 65Page - Qorvo, Inc ACT88430 Datasheet HTML 66Page - Qorvo, Inc ACT88430 Datasheet HTML 67Page - Qorvo, Inc ACT88430 Datasheet HTML 68Page - Qorvo, Inc ACT88430 Datasheet HTML 69Page - Qorvo, Inc ACT88430 Datasheet HTML 70Page - Qorvo, Inc ACT88430 Datasheet HTML 71Page - Qorvo, Inc ACT88430 Datasheet HTML 72Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
68 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
nRESET_AUX2
The nRESET pin is not used and can be pulled to GND or left floating.
EXT_PG
EXT_PG is configured as an input to enable Buck2. When EXT_PG is L, Buck2 is disabled. When EXT_PG is H, Buck2
is enabled. Note that LDO1 is the input trigger to turn Buck2 on. After Buck2 is in regulation, EXT_PG can then turn it
on and off.
MODE
The MODE pin configures Buck1 into either bypass or switcher mode. MODE must be connected to AGND to
configure Buck1 into switcher mode.
GPIO
GPIO is not used and must be connected to AGND.
PWREN
PWREN is configured as an input. When PWREN = H, the IC operates in Active Mode. When PWREN = L, the IC
operates in SLEEP Mode.
Buck1/4 Voltage Setting
Buck1/4 reference voltage is 0.8V. This sets the programmable voltage range between 0.8V to 3.998V in 12.5mV
steps.
Buck2/3 Voltage Setting
Buck2/3 reference voltage is 0.6V. This sets the programmable voltage range between 0.6V to 3.000V in 9.375mV
steps.
LDO1 Voltage Setting
The LDO1 reference voltage is 0.8V. This sets the programmable voltage range between 2.0V to 3.575V in 25mV
steps.
LDO2/3 Voltage Setting
The LDO2/3 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
Device ID
The CMI 118 Device ID (register 0x7Dh) = 0x18h
I2C Address
The CMI 118 7-bit I2C address is 0x53h. This results in 0xA6h for a write address and 0xA7h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com