Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT8945A Datasheet HTML 7Page - Qorvo, Inc ACT8945A Datasheet HTML 8Page - Qorvo, Inc ACT8945A Datasheet HTML 9Page - Qorvo, Inc ACT8945A Datasheet HTML 10Page - Qorvo, Inc ACT8945A Datasheet HTML 11Page - Qorvo, Inc ACT8945A Datasheet HTML 12Page - Qorvo, Inc ACT8945A Datasheet HTML 13Page - Qorvo, Inc ACT8945A Datasheet HTML 14Page - Qorvo, Inc ACT8945A Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
11 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
REGISTER AND BIT DESCRIPTIONS
Table 1:
Global Register Map
OUTPUT ADDRESS BIT
NAME
ACCESS
DESCRIPTION
SYS
0x00
[7]
TRST
R/W
Reset Timer Setting. Defines the reset time-out threshold. Reset time-
out is 64ms when value is 1, reset time-out is 260ms when value is 0.
See nRSTO Output section for more information.
SYS
0x00
[6]
nSYSMODE
R/W
SYSLEV Mode Select. Defines the response to the SYSLEV voltage
detector, 1: Generate an interrupt when VVSYS falls below the
programmed SYSLEV threshold, 0: automatic shutdown when VVSYS
falls below the programmed SYSLEV threshold.
SYS
0x00
[5]
nSYSLEVMSK
R/W
System Voltage Level Interrupt Mask. SYSLEV interrupt is masked by
default, set to 1 to unmask this interrupt. See the Programmable
System Voltage Monitor
section for more information
SYS
0x00
[4]
nSYSSTAT
R
System Voltage Status. Value is 1 when VVSYS is lower than the
SYSLEV voltage threshold, value is 0 when VVSYS is higher than the
system voltage detection threshold.
SYS
0x00
[3:0]
SYSLEV
R/W
System Voltage Detect Threshold. Defines the SYSLEV voltage
threshold. See the Programmable System Voltage Monitor section for
more information.
SYS
0x01
[7:6]
-
R/W
Reserved.
SYS
0x01
[5]
MSTROFF
R/W
Master Off Control. Set bit to 1 to turn off all regulators. The bit will be
automatically cleared to 0 when nPBIN is asserted.
SYS
0x01
[4]
-
R/W
Reserved.
SYS
0x01
[3:0]
SCRATCH
R/W
Scratchpad Bits. Non-functional bits, maybe be used by user to store
system status information. Volatile bits, which are cleared when
system voltage falls below UVLO threshold.
REG1
0x20
[7:6]
-
R
Reserved.
REG1
0x20
[5:0]
VSET1
R/W
Primary Output Voltage Selection. Valid when VSEL is driven low.
See the Output Voltage Programming section for more information.
REG1
0x21
[7:6]
-
R
Reserved.
REG1
0x21
[5:0]
VSET2
R/W
Secondary Output Voltage Selection. Valid when VSEL is driven high.
See the Output Voltage Programming section for more information.
REG1
0x22
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear bit to
0 to disable the regulator.
REG1
0x22
[6]
PHASE
R/W
Regulator Phase Control. Set bit to 1 for the regulator to operate 180°
out of phase with the oscillator, clear bit to 0 for the regulator to
operate in phase with the oscillator.
REG1
0x22
[5]
MODE
R/W
Regulator Mode Select. Set bit to 1 for fixed-frequency PWM under
all load conditions, clear bit to 0 to transit to power-savings mode
under light-load conditions.
REG1
0x22
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG1, REG2, REG3
Turn-on Delay
section for more information.
REG1
0x22
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-interrupts,
clear bit to 0 to disable fault-interrupts.
REG1
0x22
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage exceeds
the power-OK threshold, value is 0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com