Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT8945A Datasheet HTML 28Page - Qorvo, Inc ACT8945A Datasheet HTML 29Page - Qorvo, Inc ACT8945A Datasheet HTML 30Page - Qorvo, Inc ACT8945A Datasheet HTML 31Page - Qorvo, Inc ACT8945A Datasheet HTML 32Page - Qorvo, Inc ACT8945A Datasheet HTML 33Page - Qorvo, Inc ACT8945A Datasheet HTML 34Page - Qorvo, Inc ACT8945A Datasheet HTML 35Page - Qorvo, Inc ACT8945A Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
32 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
STEP-DOWN DC/DC REGULATORS
General Description
The ACT8945A features three synchronous, fixed-
frequency, current-mode PWM step down converters
that achieve peak efficiencies of up to 97%. REG1 and
REG2 are capable of supplying up to 1100mA of output
current, while REG3 supports up to 1200mA. These
regulators operate with a fixed frequency of 2MHz,
minimizing noise in sensitive applications and allowing
the use of small external components.
100% Duty Cycle Operation
Each regulator is capable of operating at up to 100%
duty cycle. During 100% duty-cycle operation, the high-
side power MOSFET is held on continuously, providing
a direct connection from the input to the output (through
the inductor), ensuring the lowest possible dropout
voltage in battery powered applications.
Synchronous Rectification
REG1, REG2, and REG3 each feature integrated n-
channel synchronous rectifiers, maximizing efficiency
and minimizing the total solution size and cost by
eliminating the need for external rectifiers.
Soft-Start
When enabled, each output voltages tracks an internal
400μs soft-start ramp, minimizing input current during
startup and allowing each regulator to power up in a
smooth, monotonic manner that is independent of
output load conditions.
Compensation
Each buck regulator utilizes current-mode control and
a
proprietary
internal
compensation
scheme
to
simultaneously simplify external component selection
and optimize transient
performance
over its full
operating range. No compensation design is required;
simply follow a few simple guidelines described below
when choosing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and noise
induced upon the voltage source. A 4.7μF ceramic
capacitor is recommended for each regulator in most
applications.
Output Capacitor Selection
For most applications, 22μF ceramic output capacitors
are recommended for REG1, REG2 and REG3.
Despite the advantages of ceramic capacitors, care
must be taken during the design process to ensure
stable operation over the full operating voltage and
temperature range. Ceramic capacitors are available
in a variety of dielectrics, each of which exhibits
different
characteristics
that
can
greatly
affect
performance
over
their
temperature
and voltage
ranges.
Two of the most common dielectrics are Y5V and
X5R. Whereas Y5V dielectrics are inexpensive and can
provide high capacitance in small packages, their
capacitance varies greatly over their voltage and
temperature ranges and are not recommended for
DC/DC applications. X5R and X7R dielectrics are
more suitable for output capacitor applications, as their
characteristics are more stable over their operating
ranges, and are highly recommended.
Inductor Selection
REG1, REG2, and REG3 utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. These devices were optimized for
operation with 2.2μH inductors, although inductors in
the 1.5μH to 3.3μH range can be used. Choose an
inductor with a low DC-resistance, and avoid inductor
saturation by choosing inductors with DC ratings that
exceed the maximum output current by at least 30%.
Configuration Options
Output Voltage Programming
By default, each regulator powers up and regulates to
its default output voltage. Output voltage is selectable
by setting VSEL pin that when VSEL is low, output
voltage is programmed by VSET1[ ] bits, and when
VSEL is high, output voltage is programmed by VSET2[
] bits. However, once the system is enabled, each
regulator's output voltage may
be
independently
programmed to a different value, typically in order to
minimize the power consumption of the microprocessor
during some operating modes. Program the output
voltages via the I
2C serial interface by writing to the
regulator's VSET1[ ] register if VSEL is low or VSET2
[ ] register if VSEL is high as shown in Table 5.
Enable / Disable Control
During normal operation, each buck may be enabled or
disabled via the I
2C interface by writing to that
regulator's ON[ ] bit. The regulator accept rising or
falling edge of ON[ ] bit as on/off signal. To enable the
regulator, clear ON[ ] to 0 first then set to 1. To disable
the regulator, set ON[ ] to 1 first then clear it to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com