Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 38 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 38 Page - Qorvo, Inc

Back Button ACT8945A Datasheet HTML 34Page - Qorvo, Inc ACT8945A Datasheet HTML 35Page - Qorvo, Inc ACT8945A Datasheet HTML 36Page - Qorvo, Inc ACT8945A Datasheet HTML 37Page - Qorvo, Inc ACT8945A Datasheet HTML 38Page - Qorvo, Inc ACT8945A Datasheet HTML 39Page - Qorvo, Inc ACT8945A Datasheet HTML 40Page - Qorvo, Inc ACT8945A Datasheet HTML 41Page - Qorvo, Inc ACT8945A Datasheet HTML 42Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
38 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
LED indicator or provide a logic-level status signal to
the host microprocessor
.
Dynamic Charge Current Control (DCCC)
The ACT8945A's ActivePath charger features dynamic
charge current control (DCCC) circuitry, which acts to
ensure
that
the
system
remains powered while
operating within the maximum output capability of the
power adapter. The DCCC circuitry continuously
monitors VVSYS, and if the voltage at VSYS drops by
more than 200mV, the DCCC circuitry automatically
reduces charge current in order to prevent VVSYS from
continuing to drop.
Charge Current Programming
The
ACT8945A's
ActivePath
charger
features
a
flexible charge current-programming scheme that
combines the convenience of internal charge current
programming with the flexibility of resistor based
charge current programming. Current limits and charge
current programming are managed as a function of the
ACIN and CHGLEV pins, in combination with RISET, the
resistance connected to the ISET pin.
ACIN is a logic input that configures the current-limit of
ActivePath
's linear regulator as well as that of the
battery charger. ACIN features a precise 1.2V logic
threshold, so that the input voltage detection threshold
may be adjusted with a simple resistive voltage
divider. This input also allows a simple, low- cost dual-
input charger switch to be implemented with just a
few, low-cost components.
When the voltage at ACIN is above the 1.2V
threshold, the charger operates in “AC-Mode” with a
charge current programmed by RISET, and the RISET is
given by:
RISET (kΩ) = 2336 × (1V/ICHG (mA)) - 0.205
With a given RISET then charge current will reduce 5
times when CHGLEV is driven low.
When ACIN is below the 1.2V threshold, the charger
operates in “USB-Mode”, with a maximum CHGIN
input current and charge current defined by the
CHGLEV input; 450mA, if CHGLEV is driven to a logic-
high, or 100mA, if CHGLEV is driven to a logic-low.
The
ACT8945A's
charge
current
settings
are
summarized in Table 8.
Note that the actual charge current may be limited to
a current lower than the programmed fast charge
current due to the ACT8945A’s internal thermal
regulation loop. See the Thermal Regulation section for
more information.
Charger Input Interrupts
In order to ease input supply detection and eliminate
the size and cost of external detection circuitry, the
charger has the ability to generate interrupts based
upon the status of the input supply. This function is
capable of generating an interrupt when the input is
connected, disconnected, or both. An interrupt is
generated any time the input supply is connected when
INSTAT[ ] bit is set to 1 and the INCON[ ] bit is set to
1, and an interrupt is generated any time the input
supply is disconnected when INSTAT[ ] bit is set to 1
and the INDIS[ ] bit is set to 1.
INDAT[ ] indicates the status of the CHGIN input
supply. A value of 1 indicates that a valid CHGIN
input (CHGIN UVLO Threshold<VCHGIN<CHGIN OVP
Threshold) is present, a value of 0 indicates a valid
input is not present.
When an interrupt is generated by the input supply,
reading the INSTAT[ ] returns a value of 1. INSTAT
[ ] is automatically cleared to 0 upon reading. When
no interrupt is generated by the input supply, reading
the INSTAT[ ] returns a value of 0.
When responding to an Input Status Interrupt, it is
often useful to know the state of the ACIN input. For
example, in a dual-input charger application knowing
the state of the ACIN input can identify which type
of input supply has been connected. The state of the
ACIN input can be read at any time by reading the
ACINSTAT[ ] bit, where a value of 1 indicates that
the voltage at ACIN is above the 1.2V threshold
(indicating that a wall-cube has been attached), and a
value of 0 indicates that the voltage is below this
threshold (indicating that ACIN input is not valid and
USB supply input is selected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com