Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT8945A Datasheet HTML 1Page - Qorvo, Inc ACT8945A Datasheet HTML 2Page - Qorvo, Inc ACT8945A Datasheet HTML 3Page - Qorvo, Inc ACT8945A Datasheet HTML 4Page - Qorvo, Inc ACT8945A Datasheet HTML 5Page - Qorvo, Inc ACT8945A Datasheet HTML 6Page - Qorvo, Inc ACT8945A Datasheet HTML 7Page - Qorvo, Inc ACT8945A Datasheet HTML 8Page - Qorvo, Inc ACT8945A Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
5 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
ORDERING INFORMATION
PART NUMBER
VOUT1/
VSTBY1
VOUT2/
VSTBY2
VOUT3/
VSTBY3
VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE PINS
TEMPERATURE
RANGE
ACT8945AQJ305-T 1.8V/1.8V 1.2V/1.0V 3.3V/3.3V
2.5V
3.3V
OFF
OFF
TQFN55-40
40
-40°C to +85°C
ACT8945AQJ405-T 1.5V/1.35V 1.2V/1.2V 3.3V/3.3V
2.5V
3.3V
OFF
OFF
TQFN55-40
40
-40°C to +85°C
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 15,000 units.
: To select VSTBYx as the output regulation voltage for REGx, drive VSEL to logic high. VSTBYx can be set by software via I
2C interface. Refer to
appropriate sections of this datasheet for VSTBYx setting.
: VOUT1 = 1.35V @VSEL=VIN and VOUT1 = 1.5V @VSEL=0 for ACT8945AQJ405-T regulator setting.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com