Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 41 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 41 Page - Qorvo, Inc

Back Button ACT8945A Datasheet HTML 37Page - Qorvo, Inc ACT8945A Datasheet HTML 38Page - Qorvo, Inc ACT8945A Datasheet HTML 39Page - Qorvo, Inc ACT8945A Datasheet HTML 40Page - Qorvo, Inc ACT8945A Datasheet HTML 41Page - Qorvo, Inc ACT8945A Datasheet HTML 42Page - Qorvo, Inc ACT8945A Datasheet HTML 43Page - Qorvo, Inc ACT8945A Datasheet HTML 44Page - Qorvo, Inc ACT8945A Datasheet HTML 45Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Data Sheet Rev. G, January 2020 | Subject to change without notice
41 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Charge-Control State Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in this
state until VBAT exceeds the Precondition Threshold
Voltage. When operating in PRECONDITION state,
the cell is charged at 10% of the programmed
maximum fast-charge constant current, ICHG.
Once VBAT reaches the Precondition Threshold Voltage,
the state machine jumps to the FAST- CHARGE state.
If VBAT does not reach the Precondition Threshold
Voltage
before
the Precondition Time-out period
expires, then the state machine jumps to the TIME-
OUT-FAULT state in order to prevent charging a
damaged cell. See the Charge Safety Timers section
for more information.
FAST-CHARGE State
In the FAST-CHARGE state, the charger operates in
constant-current (CC) mode and regulates the charge
current to the current set by RISET . Charging continues
in CC mode until VBAT reaches the charge termination
voltage (VTERM), at which point the state- machine jumps
to the TOP-OFF state. If VBAT does not reach VTERM
before the total time out period expires then the state-
machine will jump to the “EOC” state and will re-initiate
a new charge cycle after 32ms “relax”. See the Current
Limits
and Charge Current Programming sections for
more information about setting the maximum charge
current.
TOP-OFF State
In the TOP-OFF state, the cell charges in constant-
voltage (CV) mode. In CV mode operation, the charger
regulates its output voltage to the 4.20V charge
termination voltage, and the charge current is naturally
reduced as the cell approaches full charge. Charging
continues until the charge current drops to END-OF-
CHARGE current threshold, at which point the state
machine jumps to the END- OF-CHARGE (EOC) state.
If the state-machine does not jump out of the TOP-
OFF state before the Total-Charge Time-out period
expires, then the state machine jumps to the EOC
state and will re-initiate a new charge cycle if VBAT falls
below termination voltage 205mV (typ). For more
information about the charge safety timers, see the
Charging Safety Times
section.
END-OF-CHARGE (EOC) State
In the END-OF-CHARGE (EOC) state, the charger
presents a high-impedance to the battery, minimizing
battery current drain and allowing the cell to “relax”.
The charger continues to monitor the cell voltage, and
re-initiates a charging sequence if the cell voltage
drops to 205mV (typ) below the charge termination
voltage.
SUSPEND State
The state-machine jumps to the SUSPEND state any
time the battery is removed, and any time the input
voltage either falls below the CHGIN UVLO threshold
or exceeds the OVP threshold. Once none of these
conditions are present, a new charge cycle initiates.
A charging cycle may also be suspended manually by
setting the SUSPEND[ ] bit. In this case, initiate a new
charging sequence by clearing SUSPEND[ ] to 0.
State Machine Interrupts
The charger features the ability to generate interrupts
when the charger state machine transitions, based
upon the status of the CHG_ bits. Set CHGEOCIN[ ] bit
to 1 and CHGSTAT[ ] bit to 1 to generate an interrupt
when the charger state machine goes into the END-OF-
CHARGE (EOC) state. Set CHGEOCOUT[ ] bit to 1 and
CHGSTAT[ ] bit to 1 to generate an interrupt when the
charger state machine exits the EOC state.
CHGDAT[ ] indicates the status of the charger state
machine. A value of 1 indicates that the charger
state machine is in END-OF-CHARGE state, a value of
0 indicates the charger state machine is in other states.
When an interrupt is generated by the charger state
machine, reading the CHGSTAT[ ] returns a value of
1. CHGSTAT[ ] is automatically cleared to 0 upon
reading. When no interrupt is generated by the charger
state machine, reading the CHGSTAT[ ] returns a value
of 0.
For additional information about the charge cycle,
CSTATE[1:0] may be read at any time via I2C to
determine the current charging state.
Table 9:
Charging Status Indication
CSTATE[1] CSTATE[0] STATE MACHINE STATUS
1
1
PRECONDITION State
1
0
FAST-CHARGE/TOP-OFF State
0
1
END-OF-CHARGE State
0
0
SUSPEND/DISABLED/
FAULT State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com