Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4080BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 53Page - Analog Devices AD4080BBCZ Datasheet HTML 54Page - Analog Devices AD4080BBCZ Datasheet HTML 55Page - Analog Devices AD4080BBCZ Datasheet HTML 56Page - Analog Devices AD4080BBCZ Datasheet HTML 57Page - Analog Devices AD4080BBCZ Datasheet HTML 58Page - Analog Devices AD4080BBCZ Datasheet HTML 59Page - Analog Devices AD4080BBCZ Datasheet HTML 60Page - Analog Devices AD4080BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. A | 57 of 94
FIFO Event Detection
The FIFO is configured for capture in event detection mode
(FIFO_MODE = 10 or FIFO_MODE = 11, the following event detec-
tion options (see the Table 26 section) are available.
The general configuration register (Address 0x1C) contains the in-
ternal event enable bit (INT_EVENT_EN) which determines wheth-
er the AD4080 FIFO is to respond to an external or internal event
trigger. The default state of this bit on power on and reset is
INT_EVENT_EN = 0, which is configured for an external event.
Asynchronous Data Capture
To use the FIFO for asynchronous capture, first write to the FIFO
watermark register (see the FIFO Watermark Register section,
Address 0x1D) with the number of conversions to be captured in
each burst; any integer between 1 and 16,384 can be entered.
If using GPIO to pass the FIFO status bits to the host controller,
program those selections into the GPIO configuration registers prior
to initiating the capture. Refer to the GPIO Pins sections for further
detail on GPIO configuration.
The final steps in initiating an asynchronous capture into the data
FIFO include enabling the FIFO and then starting the conversion
clock. To enable the data FIFO in the general configuration register
(see the General Configuration Register section, Address 0x1C),
the FIFO_MODE bits must be set to immediate trigger mode (01).
In this mode, the FIFO stores the results of the most recent
FIFO_WATERMARK samples and then automatically disables cap-
ture into the memory. The results can then be accessed through the
SPI data interface or LVDS interface.
When the FIFO is enabled, each conversion result is loaded into
the internal memory on the rising edge of the convert start signal,
CNV. Internal timing dictates that FIFO_WATERMARK + three con-
version clocks are required to write FIFO_WATERMARK sample
results into the FIFO memory. See Figure 86 and Figure 87 for
additional information.
The Figure 85 timing diagram shows an example where FIFO_WA-
TERMARK is set to 1000, and the first ADC results after the
event occurred is captured by the FIFO after the third CNV. After
N = 1000, that is, it has reached the FIFO_WATERMARK value,
FIFO_FULL is asserted, and data stops being captured into the
FIFO.
Figure 85. FIFO Data Capture Example, WATERMARK = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com