Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4080BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 54Page - Analog Devices AD4080BBCZ Datasheet HTML 55Page - Analog Devices AD4080BBCZ Datasheet HTML 56Page - Analog Devices AD4080BBCZ Datasheet HTML 57Page - Analog Devices AD4080BBCZ Datasheet HTML 58Page - Analog Devices AD4080BBCZ Datasheet HTML 59Page - Analog Devices AD4080BBCZ Datasheet HTML 60Page - Analog Devices AD4080BBCZ Datasheet HTML 61Page - Analog Devices AD4080BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. A | 58 of 94
Asynchronous Read Access
Access to the FIFO data is made through either a LVDS configura-
tion (single lane only) or the multioutput SPI configuration of the
data interface after the capture has completed. As a result, access
is asynchronous to the capture process, and there are no specific
timing restrictions between the conversion and interface clocks.
Synchronization between the data FIFO and the data interface
clock domain requires each read access to begin with a header
followed by a transfer of M bytes of conversion data; where M
equals the product of the total number of results specified in the
FIFO_WATERMARK register (Address 0x1D and Address 0x1E)
and the integer length in bytes (for SPI data interface) of a sin-
gle conversion result. Note that the number of active data lanes
reduces the access period by a factor of 2 for each doubling of the
number of active lanes.
Figure 86. Asynchronous Capture Read Timing, Data FIFO Enabled, Single Data Lane
Figure 87. Asynchronous Capture Read Timing, Data FIFO Enabled, Quad Data Lane Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com