Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 37 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 37 Page - Microchip Technology

Back Button BM83 Datasheet HTML 33Page - Microchip Technology BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
5.
Power Management Unit
The on-chip PMU integrates the battery (lithium-ion and lithium-polymer) charger, and voltage regulator. A power
switch is used to switch over the power source between the battery (BAT_IN) and an adapter (ADAP_IN). The PMU
provides current to drive two LEDs.
The battery charger supports various modes with features listed below:
• Charging control using current sensor
• User-programmable current regulation
• High accuracy voltage regulation
• Constant current and constant voltage modes
• Stop charging and re-charging modes
The following figure illustrates the charging curve of a battery.
Figure 5-1. Battery Charging Curve
Constant Current
Mode
Time
Stage
1
V1
V2
V3
V4
Stage
2
Stage
3
Stage
4
I2
I3
Constant Voltage
Mode
I4
I_comp
I1
Recharge
Mode
T1
T2
T3
T4
T5
V5 = 0.1V drop
I5
Stop
Charging (back
to re
-charge if
voltage drop >V5
Stops
Charging
Note:  For more details on battery charger configuration, refer to the IS2083/BM83 Battery Charger Application Note
(AN3490).
5.1
Power Supply
The BM83 module is powered through the BAT_IN input pin. The following figure illustrates the connection from the
BAT_IN pin to various other voltage supply pins of the IS2083BM SoC on the BM83 module. The external 5V power
adapter can be connected to ADAP_IN in order to charge the battery in battery powered applications or in USB
applications. Otherwise the ADAP_IN pin can be left floating if there is no battery utilized at BAT_IN pin.
BM83
Power Management Unit
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com