Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 1 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 1 Page - Microchip Technology

  BM83 Datasheet HTML 1Page - Microchip Technology BM83 Datasheet HTML 2Page - Microchip Technology BM83 Datasheet HTML 3Page - Microchip Technology BM83 Datasheet HTML 4Page - Microchip Technology BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
BM83
BM83 Bluetooth® Stereo Audio Module Data Sheet
Introduction
The BM83, based on Microchip’s dual-mode IS2083 system-on-chip (SoC) device, is an RF-certified, fully integrated
module with high-performing voice and audio post-processing capability for Bluetooth audio applications. Tuning for
Noise Reduction, Acoustic Echo Cancellation (AEC), and EQ filtering can be customized with an easy-to-use GUI
Configuration Tool. This flexible platform provides multiple digital and analog audio interfaces including stereo
microphones, I2S, Line-In and a stereo audio DAC. It supports easy firmware upgrades via UART, USB and Over-the-
Air (OTA).
This turn-key solution module is pre-programmed with firmware that enables Bluetooth audio playback for a plug-and-
play solution, and an audio transceiver solution for A2DP source/sink. Control settings for LED drivers and other
peripherals can be set via the Configuration Tool. Advanced developers can use the Software Development Kit (SDK)
to implement their applications.
Note:  Contact your local sales representative for more information about the Software Development Kit (SDK).
Figure 1. BM83 Module Block Diagram
AUDIO
CODEC
FLASH
MEMORY
CORE
DSP
ROM
POWER
MANAGEMENT
UNIT
BLUETOOTH
TRANSCEIVER
RAM
I/O PORT
XTAL
PCB ANTENNA
IS2083BM
BM83
I2 C
LINE-IN
MIC-1
(ANALOG)
MIC-2
(ANALOG)
MIC-1
(STEREO DIGITAL)
BAT_IN
ADAP_IN
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 1


Similar Part No. - BM83

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
BM83 MICROCHIP-BM83 Datasheet
4Mb / 76P
BM83 Bluetooth® Stereo Audio Module Data Sheet
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Microchip Technology
HCS300 MICROCHIP-HCS300_11 Datasheet
714Kb / 36P
Microchip Technology Inc. is a code hopping encoder designed
2011
logo
AVX Corporation
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
Standard Microchip
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
TACmicrochip짰 Standard Microchip
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACK105M010QTA AVX-TACK105M010QTA Datasheet
115Kb / 3P
TACmicrochip짰 Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
A Subsidiary of Microchip Technology Inc.
2009
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
Free Microchip TCP/IP stack
10/19/04
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com