Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 14 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 14 Page - Microchip Technology

Back Button BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology BM83 Datasheet HTML 17Page - Microchip Technology BM83 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
...........continued
Pin
Number
Pin Name
Pin
Type
Description
44
P0_1
I/O
• General purpose I/O port P0_1
• By default, this is configured as forward button (user
configurable button)
45
P0_7
I/O
General purpose I/O port P0_7
46
P1_2 / TDI_CPU / SCL I/O
• General purpose I/O port P1_2
• CPU 2-wire debug data
• I2C SCL
47
P1_3 / TCK_CPU /
SDA
I/O
• General purpose I/O port P1_3
• CPU 2-wire debug clock
• I2C SDA
48
P3_7 / UART_CTS
I/O
• General purpose I/O port P3_7
• UART CTS
49
P0_0 / UART_TX_IND I/O
• General purpose I/O port P0_0
• By default, this is configured as an external codec reset
(Embedded mode)
• UART_TX_IND (active-high) used to wake-up the host MCU
(Host mode)
50
GND
P
Ground reference
Note:  The BM83 module is pre-configured with Embedded mode (see, 6.4 General Purpose I/O Pins). The GPIOs
mentioned in the preceding table can be configured using the Config Tool or the SDK.
BM83
Device Overview
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com