Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 17 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 17 Page - Microchip Technology

Back Button BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology BM83 Datasheet HTML 17Page - Microchip Technology BM83 Datasheet HTML 18Page - Microchip Technology BM83 Datasheet HTML 19Page - Microchip Technology BM83 Datasheet HTML 20Page - Microchip Technology BM83 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
– One stereo single-ended headphone output (capacitor-less connection)
• Built-in circuit
– MIC bias
– Reference and biasing circuitry
• Optional digital High Pass Filter (HPF) on ADC path
• Silence detection
– To turn off the DSP and audio codec subsystem, if there is no Line-In data after UI configured time stamp.
• Anti-pop function (pop reduction system to reduce audible glitches)
• Sampling rates:
– ADC/DAC/I2S: 8 kHz, 16 kHz, 44.1 kHz, and 48 kHz
Note:  The sampling rates can be selected in the CODEC Setup tab of Config Tool.
3.2.1
DAC Performance
The audio graphs in this section are produced in the following conditions:
• At room temperature
• Using BM83 EVB platform with BM83 module mounted on BM83 Carrier Board
• Input signal = 1 kHz sine tone, level sweep across -100 dBv to 6 dBv, frequency sweep across 20 Hz to 20 kHz
at 1 Fs input level
• Various termination loads (16Ω, 32Ω, 100 kΩ)
• Analog gain = -3 dB; digital gain = 0 dB
• A-weighting applied, 22K bandwidth.
The following figures illustrate the DAC performance.
BM83
Audio Subsystem
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com