Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 63 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 63 Page - Microchip Technology

Back Button BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Figure 9-2. Timing Diagram for PCM Modes (Master/Slave)
Left channel
SCLK1
RFS1
Word length
DR1/DT1
Right channel
Bn-1 Bn-2
B1 Bn Bn-1 Bn-2
B1 Bn
1/fs
The following figure illustrates the timing diagram of the audio interface.
Figure 9-3. Audio Interface Timing Diagram
SCLK1
RFS1
DR1
tSCLKCH
tSCLKCL
tSCLKCY
tDH
tRFSH
tRFSSU
The following table provides the timing specifications of the audio interface.
Table 9-13. Audio Interface Timing Specifications (1)
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCLK1 duty ratio
dSCLK
—
50
—
%
SCLK1 cycle time
tSCLKCY
50
—
—
ns
SCLK1 pulse width high
tSCLKCH
20
—
—
ns
SCLK1 pulse width low
tSCLKCL
20
—
—
ns
RFS1 setup time to SCLK1 rising edge
tRFSSU
10
—
—
ns
RFS1 hold time from SCLK1 rising edge
tRFSH
10
—
—
ns
DR1 hold time from SCLK1 rising edge
tDH
10
—
—
ns
1.
Test Conditions: Slave mode, fs = 48 kHz, 24-bit data, and SCLK1 period = 256 fs.
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com