Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 42 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 42 Page - Microchip Technology

Back Button BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
6.2
Reset
The Reset logic generates proper sequence to the device during Reset events. The Reset sources include external
Reset, power-up Reset, and Watchdog Timer (WDT). The IS2083 SoC provides a WDT to Reset the chip. In addition,
it has an integrated Power-on Reset (POR) circuit that resets all circuits to a known Power On state. This action can
also be driven by an external Reset signal, which is used to control the device externally by forcing it into a POR
state. The following figure illustrates the system behavior upon a RST_N event.
Note:  The Reset (RST_N) is an active-low signal and can be utilized based on the application needs, otherwise, it
can be left floating.
Figure 6-3. Timing Sequence of Reset Trigger
BAT_IN
SYS_PWR
MFB
VDD_IO
RST_N
BK1
BK2
LDO31
0 ms
200 ms
Note:  RST_N pin has an internal pull-up, thus, RST_N signal will transition to high again upon releasing the RST_N
button. This is an expected behavior of RST_N signal.
Figure 6-4. Timing Sequence of Power Drop Protection
RST_N from Reset IC
Power
SYS_PWR
IS2083
Reset
OUT
VDD
GND
MCU Reset
Reset IC
2.93V
2.7V
SYS_PWR
Timing sequence of power drop protection:
• It is recommended to use the battery to provide the power supply at BAT_IN.
• If an external power source or a power adapter is utilized to provide power to BAT_IN, it is recommended to use
a voltage supervisor Integrated Circuit (IC).
• The Reset IC output pin, RST_N, must be open drain type and threshold voltage as 2.93V.
• The RST_N signal must be fully pulled low before SYS_PWR power drop to 2.7V.
BM83
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com