Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
33
UCC Ethernet Controller: Three-Speed Ethernet, MII Management
Figure 14 shows the RMII transmit AC timing diagram.
Figure 14. RMII Transmit AC Timing Diagram
8.2.3.2
RMII Receive AC Timing Specifications
Table 32 provides the RMII receive AC timing specifications.
Figure 15 provides the AC test load.
Figure 15. AC Test Load
Table 32. RMII Receive AC Timing Specifications
At recommended operating conditions with LVDD / OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
REF_CLK clock period
tRMX
—20
—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
RXD[1:0], CRS_DV, RX_ER setup time to REF_CLK
tRMRDVKH
4.0
——ns
RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK
tRMRDXKH
2.0
——ns
REF_CLK clock rise time, VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK clock fall time, VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first three letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tRMRDVKH symbolizes RMII receive timing (RMR) with respect to the time data input signals (D) reach the valid state
(V) relative to the tRMX clock reference (K) going to the high (H) state or setup time. Also, tRMRDXKL symbolizes RMII
receive timing (RMR) with respect to the time data input signals (D) went invalid (X) relative to the tRMX clock
reference (K) going to the low (L) state or hold time. Note that, in general, the clock reference symbol representation
is based on three letters representing the clock of a particular functional. For example, the subscript of tRMX
represents the RMII (RM) reference (X) clock. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
REF_CLK
TXD[1:0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com