Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
99
Thermal
4. Insert the chosen SPMF, COREPLL, CEPMF and CEPDF to the RCWL fields respectively.
Example:
•
Example A. To configure the device with CSB clock rate of 266 MHz, core rate of 400 MHz, and
QUICC Engine clock rate 300 MHz while the input clock rate is 33 MHz. Conf No. “s10” and “c1”
are selected from Table 76. SPMF is “1000,” CORPLL is “0000011,” CEPMF is “01001,” and
CEPDF is “0.”
•
Example B. To configure the device with CSBCSB clock rate of 266 MHz, core rate of 533 MHz
and QUICC Engine clock rate 400 MHz while the input clock rate is 66 MHz. Conf No. “s5h” and
“c2h” are selected from Table 76. SPMF is “0100,” CORPLL is “0000100,” CEPMF is “00110”
and CEPDF is “0.”
23 Thermal
This section describes the thermal specifications of the MPC8360E/58E.
23.1
Thermal Characteristics
Table 77 provides the package thermal characteristics for the 740 37.5 mm x 37.5 mm TBGA package.
Index
SPMF
CORE
PLL
CEPMF CEPDF
Input Clock
(MHz)
CSB Freq
(MHz)
Core Freq
(MHz)
QUICC
Engine Freq
(MHz)
400
(MHz)
533
(MHz)
667
(MHz)
A
1000
0000011
01001
0
33
266
400
300
∞∞
∞
B
0100
0000100
00110
0
66
266
533
400
∞∞
∞
Table 77. Package Thermal Characteristics for the TBGA Package
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient Natural Convection on single layer board (1s)
RθJA
15
°C/W
1, 2
Junction-to-ambient Natural Convection on four layer board (2s2p)
RθJA
11
°C/W
1, 3
Junction-to-ambient (@1 m/s) on single layer board (1s)
RθJMA
10
°C/W
1, 3
Junction-to-ambient (@ 1 m/s) on four layer board (2s2p)
RθJMA
8°C/W
1, 3
Junction-to-ambient (@ 2 m/s) on single layer board (1s)
RθJMA
9°C/W
1, 3
Junction-to-ambient (@ 2 m/s) on four layer board (2s2p)
RθJMA
7°C/W
1, 3
Junction-to-board thermal
RθJB
4.5
°C/W
4
Junction-to-case thermal
RθJC
1.1
°C/W
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com