Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
85
Package and Pin Listings
LVDD2
B18, E21
Power for
UCC2
Ethernet
Interface
Option 2
(2.5V,
3.3V)
LVDD29
VDD
C36, D29, D35, E16, F9, F12, F15, F17, F18, F20, F21,
F23, F25, F26, F29, F31, F32, F33, G6, J6, K32, M32,
N6, P33, R6, R32, U32, V6, Y5, Y32, AB6, AB33, AD6,
AF32, AK6, AL6, AM7, AM9, AM10, AM11, AM12, AM13,
AM14, AM15, AM18, AM21, AM25, AM28, AM32, AN15,
AN21, AN26, AU9, AU17
Power for
Core
(1.2 V)
VDD
OVDD
A10, B9, B15, B32, C1, C12, C22, C29, D24, E3, E10,
E27, G4, H35, J1, J35, K2, M4, N3, N34, R2, R37, T36,
U2, U33, V4, V34, W3, Y35, Y37, AA1, AA36, AB2, AB34
PCI,
10/100
Ethernet,
and other
Standard
(3.3 V)
OVDD
MVREF1
AN20
I
DDR
Referenc
e
Voltage
MVREF2
AU32
I
DDR
Referenc
e
Voltage
SPARE1
B11
I/O
OVDD
SPARE3
AH32
—
GVDD
8
SPARE4
AU18
—
GVDD
7
SPARE5
AP1
—
GVDD
8
No Connect
Table 67. MPC8358E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com