Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
73
Package and Pin Listings
LWE[0:3]/
LSDDQM[0:3]/
LBS[0:3]
AG35, AG34, AH36, AE32
O
OVDD
LBCTL
AD35
O
OVDD
LALE
M37
O
OVDD
LGPL0/
LSDA10/
cfg_reset_source0
AB32
I/O
OVDD
LGPL1/
LSDWE/
cfg_reset_source1
AE37
I/O
OVDD
LGPL2/
LSDRAS/
LOE
AC33
O
OVDD
LGPL3/
LSDCAS/
cfg_reset_source2
AD34
I/O
OVDD
LGPL4/
LGTA/
LUPWAIT/
LPBSE
AE35
I/O
OVDD
LGPL5/
cfg_clkin_div
AF36
I/O
OVDD
LCKE
G36
O
OVDD
LCLK[0]
J33
O
OVDD
LCLK[1]/
LCS[6]
J34
O
OVDD
LCLK[2]/
LCS[7]
G37
O
OVDD
LSYNC_OUT
F34
O
OVDD
LSYNC_IN
G35
I
OVDD
Programmable Interrupt Controller
MCP_OUT
E34
O
OVDD
2
IRQ0/
MCP_IN
C37
I
OVDD
IRQ[1]/
M1SRCID[4]/
M2SRCID[4]/
LSRCID[4]
F35
I/O
OVDD
IRQ[2]/
M1DVAL/
M2DVAL/
LDVAL
F36
I/O
OVDD
IRQ[3]/
CORE_SRESET
H34
I/O
OVDD
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com